Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR71XXG-AE2-3-R Datasheet (PDF) - Unisonic Technologies

UR71XXG-AE2-3-R Datasheet PDF - Unisonic Technologies
Part # UR71XXG-AE2-3-R
Download  UR71XXG-AE2-3-R Download
File Size   234.62 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR

UR71XXG-AE2-3-R Datasheet (PDF)

Go To PDF Page Download Datasheet
UR71XXG-AE2-3-R Datasheet PDF - Unisonic Technologies

Part # UR71XXG-AE2-3-R
Download  UR71XXG-AE2-3-R Click to download

File Size   234.62 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR

UR71XXG-AE2-3-R Datasheet (HTML) - Unisonic Technologies


UR71XXG-AE2-3-R Product details

DESCRIPTION
The UTC UR71XX Series are a low dropout regulator with wide
input voltage range, high output voltage accuracy, ultra low
quiescent current and low dropout. This regulator is based on a
CMOS process, and it’s input voltage could high enough more than
36V, thus they are very suitable for high voltage application.
 FEATURES
* High output voltage accuracy: ±2%
* Ultra low quiescent current: 1.2uA (Typ.)
* Low temperature-drift coefficient of VOUT: ±50ppm/°C (Typ.)
* Wide Input voltage range: 0 ~ 36V




Similar Part No. - UR71XXG-AE2-3-R

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
UR70/33/17 FERROXCUBE-UR70/33/17 Datasheet
45Kb / 4P
UR cores
UR70/33/17-3C90 FERROXCUBE-UR70/33/17-3C90 Datasheet
45Kb / 4P
UR cores
logo
Unisonic Technologies
UR7233H UTC-UR7233H Datasheet
231Kb / 6P
HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR
UR724BH UTC-UR724BH Datasheet
231Kb / 6P
HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR
UR7250H UTC-UR7250H Datasheet
231Kb / 6P
HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR
More results


Similar Description - UR71XXG-AE2-3-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6933QDRQ1 TI-TPS7A6933QDRQ1 Datasheet
7Mb / 26P
High-Voltage Ultralow-Iq Low-Dropout Regulator
TPS7B6701-Q1 TI1-TPS7B6701-Q1 Datasheet
1Mb / 24P
450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI-TPS7B6925-Q1_15 Datasheet
1Mb / 24P
TPS7B69xx-Q1 High-Voltage Ultra-Low IQ Low-Dropout Regulator
logo
ON Semiconductor
NCP716B ONSEMI-NCP716B Datasheet
250Kb / 8P
Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
June, 2016 ??Rev. 0
logo
Texas Instruments
TPS7B6925-Q1 TI1-TPS7B6925-Q1_16 Datasheet
1Mb / 24P
High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701-Q1 TI1-TPS7B6701-Q1_16 Datasheet
1Mb / 26P
450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI1-TPS7B6925-Q1_17 Datasheet
1Mb / 24P
High-Voltage Ultra-Low IQ Low-Dropout Regulator
logo
ON Semiconductor
NCP716B ONSEMI-NCP716B_17 Datasheet
252Kb / 8P
Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
February, 2017 ??Rev. 1
logo
Unisonic Technologies
UR75XX UTC-UR75XX Datasheet
222Kb / 9P
HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR
logo
ON Semiconductor
NCP716BC ONSEMI-NCP716BC Datasheet
769Kb / 9P
Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
December, 2020 ??Rev. 3
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com