Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN010M2ABK050110 Datasheet (PDF) - RFE international

RN010M2ABK050110 Datasheet PDF - RFE international
Part # RN010M2ABK050110_V01
Download  RN010M2ABK050110 Download
File Size   820.66 Kbytes
Page   1 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Aluminum Electrolytic Capactiors RN Series: Radial Bi-Polar

RN010M2ABK050110 Datasheet (PDF)

Go To PDF Page Download Datasheet
RN010M2ABK050110 Datasheet PDF - RFE international

Part # RN010M2ABK050110_V01
Download  RN010M2ABK050110 Click to download

File Size   820.66 Kbytes
Page   1 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Aluminum Electrolytic Capactiors RN Series: Radial Bi-Polar

RN010M2ABK050110 Datasheet (HTML) - RFE international


RN010M2ABK050110 Product details

FEATURES
•85°C, 2000 hours assured, standard bi-polar series.
•Suitable for use in circuits which have a reversed or unknown polarity.
•RoHS Compliant
•See RNG for 105°C, SN for 7mm can, SSN for 5mm can.ad




Similar Part No. - RN010M2ABK050110_V01

ManufacturerPart #DatasheetDescription
logo
RFE international
RN010M2ABK050110 RFE-RN010M2ABK050110 Datasheet
100Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS RNG Series: Radial Non-Polar
More results


Similar Description - RN010M2ABK050110_V01

ManufacturerPart #DatasheetDescription
logo
RFE international
RB010M1HBK080115 RFE-RB010M1HBK080115 Datasheet
88Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS RB & RBG Series: Radial Bi-Polar, 85C & 105C
RN010M2ABK063110 RFE-RN010M2ABK063110 Datasheet
101Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS RN Series: Radial Non-Polar
RS010M1HBK130250 RFE-RS010M1HBK130250 Datasheet
79Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS RS/RSG Series: Radial Bi-polar
logo
Panasonic Semiconductor
ECE-A1HN010UB PANASONIC-ECE-A1HN010UB Datasheet
74Kb / 3P
Aluminum Electrolytic Capacitors/ SU(Bi-polar)
ECE-A1CN100U PANASONIC-ECE-A1CN100U Datasheet
160Kb / 3P
Aluminum Electrolytic Capacitors/ SU(Bi-polar)
ECE-A1EN330U PANASONIC-ECE-A1EN330U Datasheet
160Kb / 3P
Aluminum Electrolytic Capacitors/ SU(Bi-polar)
logo
Cornell Dubilier Electr...
SN330M6R3ST CDE-SN330M6R3ST_14 Datasheet
543Kb / 4P
Radial Leaded Non-Polar Aluminum Electrolytic
logo
Illinois Capacitor, Inc...
227CKE010M ILLINOISCAPACITOR-227CKE010M Datasheet
135Kb / 1P
Radial lead BI-POLAR / NON-POLAR
227CKE100M ILLINOISCAPACITOR-227CKE100M Datasheet
135Kb / 1P
Radial lead BI-POLAR / NON-POLAR
logo
RFE international
RNG RFE-RNG Datasheet
814Kb / 1P
Aluminum Electrolytic Capactiors RNG Series: Radial Bi-Polar, 105°C
01.06.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com