Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VEJ Datasheet (PDF) - RFE international

VEJ Datasheet PDF - RFE international
Part # VEJ
Download  VEJ Download
File Size   749.69 Kbytes
Page   4 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description ALUMINUM ELECTROLYTIC CAPACITORS VEJ Series : SMD 105°C 2,000hrs

VEJ Datasheet (PDF)

Go To PDF Page Download Datasheet
VEJ Datasheet PDF - RFE international

Part # VEJ
Download  VEJ Click to download

File Size   749.69 Kbytes
Page   4 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description ALUMINUM ELECTROLYTIC CAPACITORS VEJ Series : SMD 105°C 2,000hrs

VEJ Datasheet (HTML) - RFE international


VEJ Product details

FEATURES
• Standard 105°C, 2,000 hours assured
• Voltage Range 6.3 Vdc ~ 450Vdc, 4Φ ~ 18Φ
• Capacitance Range 1μF ~ 8,200 μF
• Automotive version available, TS-16949




Similar Part No. - VEJ

ManufacturerPart #DatasheetDescription
logo
Surge Components
VEJ SURGE-VEJ Datasheet
1Mb / 2P
rohs compliance
logo
Yellow Stone Corp
VEJ YSTONE-VEJ Datasheet
1Mb / 2P
CHIP TYPE Aluminum Electolytic Capacitors
logo
RFE international
VEJ101M1ETR080100 RFE-VEJ101M1ETR080100 Datasheet
84Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS VEJ Series: Surface Mount Type, 105C
logo
Surge Components
VEJ470M1HTR-0607 SURGE-VEJ470M1HTR-0607 Datasheet
1Mb / 2P
rohs compliance
More results


Similar Description - VEJ

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AEB106M2CJ32T-F CDE-AEB106M2CJ32T-F Datasheet
764Kb / 5P
SMT Aluminum Electrolytic Capacitors - High Voltage, 105 ?C
AFC226M06B12T CDE-AFC226M06B12T Datasheet
476Kb / 4P
SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C
AFK226M06B12T CDE-AFK226M06B12T Datasheet
430Kb / 6P
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
AHD107M10E16T CDE-AHD107M10E16T Datasheet
233Kb / 4P
SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
AVRF226M06B12T-F CDE-AVRF226M06B12T-F Datasheet
202Kb / 3P
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
105 ?C Radial Leaded Aluminum Electrolytic Capacitors
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
RFE international
VEJ101M1ETR080100 RFE-VEJ101M1ETR080100 Datasheet
84Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS VEJ Series: Surface Mount Type, 105C
LSM RFE-LSM Datasheet
830Kb / 7P
Aluminum Electrolytic Capacitors LSM Series: Snap In, 105 C
AUG-30-2023
RZW RFE-RZW Datasheet
1Mb / 6P
ALUMINUM ELECTROLYTIC CAPACITORS RZW Series: Low Impedance 105°C
16-NOV-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com