Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TMS320VC5441 Datasheet PDF - Texas Instruments
Part # TMS320VC5441
Download  TMS320VC5441 Download
File Size   1569.28 Kbytes
Page   94 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TMS320VC5441 Fixed-Point Digital Signal Processor

TMS320VC5441 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMS320VC5441 Datasheet PDF - Texas Instruments

Part # TMS320VC5441
Download  TMS320VC5441 Click to download

File Size   1569.28 Kbytes
Page   94 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TMS320VC5441 Fixed-Point Digital Signal Processor

TMS320VC5441 Datasheet (HTML) - Texas Instruments


TMS320VC5441 Product details

1 TMS320VC5441 Features
 532-MIPS Quad-Core DSP Consisting of
Four Independent Subsystems
 Each Core has an Advanced Multibus
Architecture With Three Separate 16-Bit
Data Memory Buses and One Program Bus
 40-Bit Arithmetic Logic Unit (ALU)
Including a 40-Bit Barrel-Shifter and Two
40-Bit Accumulators Per Core
 Each Core has a 17-Bit × 17-Bit Parallel
Multiplier Coupled to a 40-Bit Adder for
Non-Pipelined Single-Cycle Multiply/
Accumulate (MAC) Operations
 Each Core has a Compare, Select, and
Store Unit (CSSU) for the Add/Compare
Selection of the Viterbi Operator
 Each Core has an Exponent Encoder to
Compute an Exponent Value of a 40-Bit
Accumulator Value in a Single Cycle
 Each Core has Two Address Generators
With Eight Auxiliary Registers and Two
Auxiliary Register Arithmetic Units
(ARAUs)
 Total 640K-Word × 16-Bit Dual-Access
On-Chip RAM (256K-Word x 16-Bit Shared
Memory and 96K-Word x 16-Bit Local
Memory Per Subsystem)
 Single-Instruction Repeat and
Block-Repeat Operations
 Instructions With 32-Bit Long Word
Operands
 Instructions With 2 or 3 Operand Reads
 Fast Return From Interrupts
 Arithmetic Instructions With Parallel Store
and Parallel Load
 Conditional Store Instructions
 Output Control of CLKOUT
 Output Control of Timer Output (TOUT)
 Power Consumption Control With IDLE1,
IDLE2, and IDLE3 Instructions
 Dual 1.6-V (Core) and 3.3-V (I/O) Power
Supplies for Low-Power, Fast Operations
 7.5-ns Single-Cycle Fixed-Point Instruction
 Twenty-Four Channels of Direct Memory
Access (DMA) for Data Transfers With No
CPU Loading (Six Channels Per
Subsystem)
 Twelve Multichannel Buffered Serial Ports
(McBSPs), Each With 128-Channel
Selection Capability (Three McBSPs per
Subsystem)
 16-Bit Host-Port Interface (HPI)
 Software-Programmable Phase-Locked
Loop (PLL) Provides Several Clocking
Options (Requires External TTL Oscillator)
 On-Chip Scan-Based Emulation Logic,
IEEE Standard 1149.1 (JTAG) Boundary-
Scan Logic
 Four Software-Programmable Timers
(One Per Subsystem)
 Four Software-Programmable Watchdog
Timers (One Per Subsystem)
 Sixteen General-Purpose I/Os
(Four Per Subsystem)
 Provided in 176-pin Plastic Low-Profile
Quad Flatpack (LQFP) Package
(PGF Suffix)
 Provided in 169-ball MicroStar BGA
Package (GGU Suffix)




Similar Part No. - TMS320VC5441

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5441 TI-TMS320VC5441 Datasheet
1Mb / 86P
TMS320VC5441 Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441 Datasheet
1Mb / 91P
Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441 Datasheet
1Mb / 91P
Fixed-Point Digital Signal Processor
TMS320VC5441AGGU TI-TMS320VC5441AGGU Datasheet
1Mb / 86P
TMS320VC5441 Fixed-Point Digital Signal Processor
TMS320VC5441AGGU TI1-TMS320VC5441AGGU Datasheet
1Mb / 91P
Fixed-Point Digital Signal Processor
More results


Similar Description - TMS320VC5441

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LC549 TI-TMS320LC549 Datasheet
791Kb / 61P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5410 TI-TMS320VC5410 Datasheet
1Mb / 79P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5420 TI-TMS320VC5420 Datasheet
1Mb / 77P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC549 TI-TMS320VC549 Datasheet
787Kb / 60P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5441 TI-TMS320VC5441 Datasheet
1Mb / 86P
TMS320VC5441 Fixed-Point Digital Signal Processor
TMS320VC549 TI-TMS320VC549_06 Datasheet
863Kb / 63P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SMJ320LC549 TI-SMJ320LC549 Datasheet
888Kb / 52P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5506 TI-TMS320VC5506 Datasheet
1Mb / 120P
Fixed-Point Digital Signal Processor
TMS320VC5504 TI-TMS320VC5504 Datasheet
1Mb / 128P
Fixed-Point Digital Signal Processor
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com