Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRI2X100-065P2B Datasheet (PDF) - DACO SEMICONDUCTOR CO.,LTD.

CSRI2X100-065P2B Datasheet PDF - DACO SEMICONDUCTOR CO.,LTD.
Part # CSRI2X100-065P2B
Download  CSRI2X100-065P2B Download
File Size   519.09 Kbytes
Page   4 Pages
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.
Description SiC SCHOTTKY DIODE TYPE 2×100A

CSRI2X100-065P2B Datasheet (PDF)

Go To PDF Page Download Datasheet
CSRI2X100-065P2B Datasheet PDF - DACO SEMICONDUCTOR CO.,LTD.

Part # CSRI2X100-065P2B
Download  CSRI2X100-065P2B Click to download

File Size   519.09 Kbytes
Page   4 Pages
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.
Description SiC SCHOTTKY DIODE TYPE 2×100A

CSRI2X100-065P2B Datasheet (HTML) - DACO SEMICONDUCTOR CO.,LTD.


CSRI2X100-065P2B Product details

Features
• High surge current capable
• Zero reverse recovery current
• High bandwidth
• Isolation type package
• Temperature Independent Switching Behavior
• VDC 650 V
• IF(Tc<135°C) 2×100 A

Applications
• Motor drives
• Switch mode power supplies
• Ev chargers
• Solar inverters
• Welding equipment
• Power factor correction
• Diode snubber
• Automotive
• induction heating




Similar Part No. - CSRI2X100-065P2B

ManufacturerPart #DatasheetDescription
logo
DACO SEMICONDUCTOR CO.,...
CSRI2X100-065P1B DACO-CSRI2X100-065P1B Datasheet
1Mb / 4P
SiC SCHOTTKY DIODE TYPE 2×100A
Feb 2023 Rev.1.3
More results


Similar Description - CSRI2X100-065P2B

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GD2X50MPS12N GENESIC-GD2X50MPS12N Datasheet
647Kb / 7P
1200V 100A SiC Schottky MPS??Diode
GD100MPS12-CAL GENESIC-GD100MPS12-CAL Datasheet
302Kb / 6P
1200V 100A SiC Schottky MPS??Diode
logo
DACO SEMICONDUCTOR CO.,...
CSRI2X100-065P1B DACO-CSRI2X100-065P1B Datasheet
1Mb / 4P
SiC SCHOTTKY DIODE TYPE 2×100A
Feb 2023 Rev.1.3
CSRI2X100-120P1B DACO-CSRI2X100-120P1B Datasheet
377Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×100A
Feb 2023 Rev. 1.1
CSRI2X100-170P1B DACO-CSRI2X100-170P1B Datasheet
377Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×100A
Feb 2023 Rev.1.2
CSRI2X140-120P1B DACO-CSRI2X140-120P1B Datasheet
377Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×140A
Feb 2023 Rev. 1.1
CSRI2X25-120P1B DACO-CSRI2X25-120P1B Datasheet
392Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×25A
Feb 2023 Rev.1.1
CSRI2X50-120P1B DACO-CSRI2X50-120P1B Datasheet
423Kb / 5P
SiC SCHOTTKY DIODE TYPE 2×50A
Feb 2023 Rev 1.2
CSRI2X75-120P1B DACO-CSRI2X75-120P1B Datasheet
392Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×75A
Feb 2023 Rev 1.2
CSRI2X75-170P1B DACO-CSRI2X75-170P1B Datasheet
378Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×75A
Feb 2023 Rev 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com