Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MKP Datasheet (PDF) - RFE international

MKP Datasheet PDF - RFE international
Part # MKP
Download  MKP Download
File Size   752.51 Kbytes
Page   2 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description AC "ACROSS-THE LINE" FILM CAPACITORS MKP: X-2 Class, Standard Size

MKP Datasheet (PDF)

Go To PDF Page Download Datasheet
MKP Datasheet PDF - RFE international

Part # MKP
Download  MKP Click to download

File Size   752.51 Kbytes
Page   2 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description AC "ACROSS-THE LINE" FILM CAPACITORS MKP: X-2 Class, Standard Size

MKP Datasheet (HTML) - RFE international


MKP Product details

FEATURES
310VAC
Non-inductive construction
Self-healing property
Flame-retardant plastic case and epoxy resin
(compliant to UL 94V-0)
High moisture resistance




Similar Part No. - MKP

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MKP KEMET-MKP Datasheet
278Kb / 4P
BOX CAPACITORS
logo
MMD Components
MKP MMD-MKP Datasheet
74Kb / 1P
Industry Standard Package
MKP MMD-MKP Datasheet
74Kb / 1P
MKP, MKL, and MKV Series
logo
Illinois Capacitor, Inc...
MKP ILLINOISCAPACITOR-MKP Datasheet
336Kb / 3P
Small size ??Safety Agency approved ??Metalized Polypropylene
logo
Kemet Corporation
MKP KEMET-MKP Datasheet
263Kb / 1P
LOW INDUCTANCE CAPACITORS DC-LINK APPLICATIONS
More results


Similar Description - MKP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1778-275V VISHAY-F1778-275V Datasheet
67Kb / 3P
AC-Capacitors, Suppression Capacitors Class X2 AC 275V (Code pos. 9 = 2) (MKP)
08-Oct-03
MKP1844 VISHAY-MKP1844 Datasheet
95Kb / 1P
AC-Capacitors (Metallized Polypropylene Film-MKP), AC 400V
05-Jul-05
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
21-Nov-05
MKP1842 VISHAY-MKP1842 Datasheet
118Kb / 2P
AC-Capacitors (Metallized Polypropylene Film-MKP), AC 400V
05-Jul-05
MKP1844 VISHAY-MKP1844_05 Datasheet
124Kb / 2P
AC-Capacitors (Metallized Polypropylene Film-MKP), AC 400V
05-Jul-05
logo
RFE international
MPX474K275VAC225B200S RFE-MPX474K275VAC225B200S Datasheet
95Kb / 1P
AC ACROSS-THE-LINE FILM CAPACITORS MPX Series: Interference Suppressor X2
logo
Vishay Siliconix
F1778410K2FCB0 VISHAY-F1778410K2FCB0 Datasheet
165Kb / 13P
Interference Suppression Film Capacitor - Class X2 Radial MKP 310 VAC - Standard Across the Line
13-Dec-13
logo
RFE international
MKP-P RFE-MKP-P Datasheet
574Kb / 2P
AC "ACROSS-THE LINE" FILM CAPACITORS MKP-P: X-2 Class, Reduced Size
2020.07.29
MKP-U RFE-MKP-U Datasheet
2Mb / 3P
AC “Across-the-Line” Film Capacitors MKP-U: Rugged Environment, X2 Class High Humidity, (310VAC/630VDC)
12-JUN-2023
MKP-UB RFE-MKP-UB Datasheet
3Mb / 3P
AC “Across-the-Line” FILM CAPACITORS MKP-UB: X2 Class, Rugged Environment High Humidity, High Voltage, 310VAC/750VDC
12-JUN-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com