Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF540 Datasheet (PDF) - NXP Semiconductors

IRF540 Datasheet PDF - NXP Semiconductors
Part # IRF540
Download  IRF540 Download
File Size   86.08 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description N-channel TrenchMOS transistor

IRF540 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF540 Datasheet PDF - NXP Semiconductors

Part # IRF540
Download  IRF540 Click to download

File Size   86.08 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description N-channel TrenchMOS transistor

IRF540 Datasheet (HTML) - NXP Semiconductors


IRF540 Product details

VDSS = 100 V
ID = 23 A
RDS(ON) ≤ 77 mΩ

GENERAL DESCRIPTION
N-channel enhancement mode field-effect power transistor in a plastic envelope using ’trench’ technology.

FEATURES
• ’Trench’ technology
• Low on-state resistance
• Fast switching
• Low thermal resistance

Applications:-
• d.c. to d.c. converters
• switched mode power supplies
• T.V. and computer monitor power supplies

The IRF540 is supplied in the SOT78 (TO220AB) conventional leaded package.
The IRF540S is supplied in the SOT404 (D2PAK) surface mounting package.




Similar Part No. - IRF540

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF540 STMICROELECTRONICS-IRF540 Datasheet
53Kb / 6P
N - CHANNEL100V - 00.50ohm - 30A - TO-220/TO-220FI POWER MOSFET
Apr-1998
logo
Fairchild Semiconductor
IRF540 FAIRCHILD-IRF540 Datasheet
146Kb / 5P
N-Channel Power MOSFETs, 27 A, 60-100V
logo
International Rectifier
IRF540 IRF-IRF540 Datasheet
177Kb / 6P
HEXFET POWER MOSFET
logo
STMicroelectronics
IRF540 STMICROELECTRONICS-IRF540 Datasheet
311Kb / 8P
N-CHANNEL 100V - 0.055Ω - 22A TO-220 LOW GATE CHARGE STripFET™II POWER MOSFET
Feb-2003
logo
Vishay Siliconix
IRF540 VISHAY-IRF540 Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
More results


Similar Description - IRF540

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP18NQ20T PHILIPS-PHP18NQ20T Datasheet
96Kb / 9P
N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP23NQ15T PHILIPS-PHP23NQ15T Datasheet
99Kb / 9P
N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP27NQ10T PHILIPS-PHP27NQ10T Datasheet
115Kb / 12P
N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP3055E PHILIPS-PHP3055E Datasheet
103Kb / 10P
N-channel TrenchMOS transistor
August 1999 Rev 1.200
PHP30NQ15T PHILIPS-PHP30NQ15T Datasheet
98Kb / 9P
N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP34NQ10T PHILIPS-PHP34NQ10T Datasheet
115Kb / 12P
N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHX23NQ10T PHILIPS-PHX23NQ10T Datasheet
61Kb / 8P
N-channel TrenchMOS transistor
September 1999 Rev 1.000
PSMN040-200W PHILIPS-PSMN040-200W Datasheet
86Kb / 7P
N-channel TrenchMOS transistor
August 1999 Rev 1.000
PSMN057-200P PHILIPS-PSMN057-200P Datasheet
92Kb / 8P
N-channel TrenchMOS transistor
June 2000 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF630_13 NJSEMI-IRF630_13_06 Datasheet
923Kb / 3P
N-channel TrenchMOS transistor
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com