Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1012 Datasheet (PDF) - Unisonic Technologies

LR1012 Datasheet PDF - Unisonic Technologies
Part # LR1012_V01
Download  LR1012 Download
File Size   301.27 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR

LR1012 Datasheet (PDF)

Go To PDF Page Download Datasheet
LR1012 Datasheet PDF - Unisonic Technologies

Part # LR1012_V01
Download  LR1012 Click to download

File Size   301.27 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR

LR1012 Datasheet (HTML) - Unisonic Technologies


LR1012 Product details

DESCRIPTION
The UTC LR1012 series is high operating voltage regulator
using UTC CMOS technology. The max operating voltage of UTC
LR1012L is 12V so it works best in high-voltage applications.
Moreover, it is also suitable in constructing low power portable
devices including small current consumption, short-current
protection.

FEATURES
Operating current: Max. 1.2μA (3.0V)
Output voltage: 1.8 ~ 6.0V, as 0.1V step
±2.0% output voltage accuracy
Output current:
50mA capable @ 3.0V output, VIN=5.0V
75mA capable @ 5.0V output, VIN=7.0V
Dropout voltage:120mV @VOUT = 5.0V, IOUT=10mA




Similar Part No. - LR1012_V01

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1012G-18-AB3-R UTC-LR1012G-18-AB3-R Datasheet
254Kb / 6P
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012G-18-AE3-R UTC-LR1012G-18-AE3-R Datasheet
254Kb / 6P
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012G-18-AF5-R UTC-LR1012G-18-AF5-R Datasheet
254Kb / 6P
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012G-33-AB3-R UTC-LR1012G-33-AB3-R Datasheet
254Kb / 6P
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012G-33-AE3-R UTC-LR1012G-33-AE3-R Datasheet
254Kb / 6P
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
More results


Similar Description - LR1012_V01

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S812C SII-S812C Datasheet
332Kb / 26P
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
S-812C SII-S-812C_1 Datasheet
930Kb / 52P
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
CMOS Voltage regulator
logo
Unisonic Technologies
LR1012 UTC-LR1012 Datasheet
228Kb / 6P
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-812C30BMC-C4KT2G SII-S-812C30BMC-C4KT2G Datasheet
786Kb / 50P
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
S-812C50AMC-C3ET2G SII-S-812C50AMC-C3ET2G Datasheet
786Kb / 50P
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LR1012 ETL-LR1012 Datasheet
227Kb / 7P
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B30H-V5T2U SII-S-19212B30H-V5T2U Datasheet
3Mb / 58P
CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
LR1012 UTC-LR1012_16 Datasheet
254Kb / 6P
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com