Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC3063G-S08-R Datasheet (PDF) - Unisonic Technologies

MC3063G-S08-R Datasheet PDF - Unisonic Technologies
Part # MC3063G-S08-R
Download  MC3063G-S08-R Download
File Size   188.56 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.5A,STEP-UP/DOWN/INVERTING SWITCHING REGULATORS

MC3063G-S08-R Datasheet (PDF)

Go To PDF Page Download Datasheet
MC3063G-S08-R Datasheet PDF - Unisonic Technologies

Part # MC3063G-S08-R
Download  MC3063G-S08-R Click to download

File Size   188.56 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.5A,STEP-UP/DOWN/INVERTING SWITCHING REGULATORS

MC3063G-S08-R Datasheet (HTML) - Unisonic Technologies


MC3063G-S08-R Product details

DESCRIPTION

The UTC MC3063 Series is a higher frequency DC−DC
converters. These devices consist of an internal temperature
compensated reference, comparator, a controlled duty cycle
oscillator with an active current limit circuit, a driver and a high
current output switch. This series was specifically designed to be
incorporated in Step−Down, Step−Up and Voltage−Inverting
applications with a minimum number of external components.

FEATURES

MAX. 40V Input
Output Switch Current to 1.5A
Output Voltage Adjustable
Frequency Operation of 150kHz
Precision 1.5% Reference




Similar Part No. - MC3063G-S08-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC306 ETC-MC306 Datasheet
28Kb / 1P
SMALL SMD LOW / MEDIUM-FREQUENCY CRYSTAL UNIT
logo
Yuechung International ...
MC306 YIC-MC306 Datasheet
240Kb / 1P
MC306 : Tuning Fork SMD Quartz Crystal
More results


Similar Description - MC3063G-S08-R

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV34063 AVICTEK-AV34063 Datasheet
257Kb / 8P
1.5A,Step-Up/Down Inverting Switching Regulators
logo
Ceramate Technical
CP34063 CERAMATE-CP34063 Datasheet
503Kb / 10P
1.5A,Step-Up/Down/Inverting Switching Regulators
logo
Guangdong Kexin Industr...
MC34063 KEXIN-MC34063 Datasheet
54Kb / 2P
1.2 A, Step-Up/Down/Inverting Switching Regulators
logo
ON Semiconductor
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
logo
Unisonic Technologies
MC33167 UTC-MC33167 Datasheet
220Kb / 8P
5.0A, STEP-UP/DOWN/ INVERTING SWITCHING REGULATORS
logo
ON Semiconductor
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com