Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05124 Datasheet (PDF) - Unisonic Technologies

UD05124 Datasheet PDF - Unisonic Technologies
Part # UD05124
Download  UD05124 Download
File Size   245.37 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HIGH EFFICIENCY 1.5MHZ 1.2A SYNCHRONOUS STEP DOWN CONVERTER

UD05124 Datasheet (PDF)

Go To PDF Page Download Datasheet
UD05124 Datasheet PDF - Unisonic Technologies

Part # UD05124
Download  UD05124 Click to download

File Size   245.37 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HIGH EFFICIENCY 1.5MHZ 1.2A SYNCHRONOUS STEP DOWN CONVERTER

UD05124 Datasheet (HTML) - Unisonic Technologies


UD05124 Product details

DESCRIPTION
The UTC UD05124 is a high efficiency, high frequency
synchronous DC-DC step-down converter. The 100% duty cycle
feature provides low dropout operation, extending battery life in
portable systems.
The internal synchronous switch increases efficiency and
eliminates the need for external schottky diode. At shutdown mode,
the input supply current is less than 1μA.
The UTC UD05124 fault protection includes over current
protection, short circuit protection, UVLO and thermal shutdown. The
Internal soft-start function prevents inrush current at turn-on.
FEATURES
* 2.5V ~ 6V Input Voltage Range
* 0.6V Reference Voltage
* 1.2A Output Current
* Low RDS(ON) for Internal Switch: 340 / 210mΩ (Top/Bottom)
* 1.5MHz Switching Frequency
* Internal 1ms Soft-Start Time
* Internal Compensation Function
* 100% Dropout Operation
* Input Over Voltage Protection
* Over Current Protection
* Short Circuit Protection
* Over Temperature Protection with Auto Recovery




Similar Part No. - UD05124

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD05121G-AF5-R UTC-UD05121G-AF5-R Datasheet
243Kb / 7P
Build-in soft start function
UD05123 UTC-UD05123 Datasheet
193Kb / 4P
2.25MHz, 1.2A, VFB=0.6V SYNCHRONOUS STEP-DOWN CONVERTER
UD05123G-AF5-R UTC-UD05123G-AF5-R Datasheet
193Kb / 4P
2.25MHz, 1.2A, VFB=0.6V SYNCHRONOUS STEP-DOWN CONVERTER
UD05123L-AF5-R UTC-UD05123L-AF5-R Datasheet
193Kb / 4P
2.25MHz, 1.2A, VFB=0.6V SYNCHRONOUS STEP-DOWN CONVERTER
More results


Similar Description - UD05124

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5259A AME-AME5259A Datasheet
360Kb / 21P
1.2A, 1.5MHz Synchronous Step-Down Converter
logo
E-CMOS Corporation
EC3211 E-CMOS-EC3211 Datasheet
1Mb / 16P
1.5MHz, 1.2A, Synchronous Step-Down Regulator Dropout
logo
TECHCODE SEMICONDUCTOR,...
TD6811 TECHCODE-TD6811 Datasheet
938Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6811B TECHCODE-TD6811B Datasheet
938Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6814 TECHCODE-TD6814 Datasheet
896Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
logo
Fitipower Integrated Te...
FP6360 FITIPOWER-FP6360 Datasheet
639Kb / 11P
1.5MHz, 1A, High-Efficiency PWM Synchronous Step-Down Converter
FP6366 FITIPOWER-FP6366 Datasheet
525Kb / 9P
1.5MHz, 600mA, High-Efficiency PWM Synchronous Step-Down Converter
FP6367 FITIPOWER-FP6367 Datasheet
575Kb / 9P
1.5MHz, 800mA, High-Efficiency PWM Synchronous Step-Down Converter
logo
Princeton Technology Co...
RS8016 PTC-RS8016 Datasheet
241Kb / 3P
1.5MHz, 1.2A, Synchronous Step-Down DC/DC Converter
logo
First Silicon Co., Ltd
FTD6811 FS-FTD6811 Datasheet
1Mb / 16P
1.5MHz 1.2A Synchronous Step-Down Regulator
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com