Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Y2X1 Datasheet (PDF) - RFE international

Y2X1 Datasheet PDF - RFE international
Part # Y2X1
Download  Y2X1 Download
File Size   4208.77 Kbytes
Page   4 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Y2/X1 AC Film Capacitors Y2X1 Series: Interference Suppressor, 300Vac

Y2X1 Datasheet (PDF)

Go To PDF Page Download Datasheet
Y2X1 Datasheet PDF - RFE international

Part # Y2X1
Download  Y2X1 Click to download

File Size   4208.77 Kbytes
Page   4 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Y2/X1 AC Film Capacitors Y2X1 Series: Interference Suppressor, 300Vac

Y2X1 Datasheet (HTML) - RFE international


Y2X1 Product details

Features

Non-inductive construction

Self-healing property (Metalized)
Flame-retardant plastic case and epoxy resin
(compliant to UL 94V-0)

High moisture resistance

Agency recognized





Similar Description - Y2X1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1740-3550 VISHAY-F1740-3550 Datasheet
62Kb / 2P
Suppression Capacitors, (Bi-polar) Capacitors Class X1/Y2 AC 275V/250V
02-Oct-00
F1710 VISHAY-F1710 Datasheet
79Kb / 2P
AC-Capacitors, Suppression Capacitors Class Y2 (X1) AC 305V (MKT)
03-Oct-02
logo
List of Unclassifed Man...
PME290 ETC-PME290 Datasheet
49Kb / 2P
EMI suppressor, classes X1 and Y2, metallized paper
MKP3386Y2 ETC1-MKP3386Y2 Datasheet
522Kb / 17P
Interference suppression film capacitors
logo
RFE international
5SB101KT252A67 RFE-5SB101KT252A67 Datasheet
71Kb / 1P
CERAMIC CAPACITORS CLASS 5 Series: AC X1, Y1 & Y2 Capacitors
MPX474K275VAC225B200S RFE-MPX474K275VAC225B200S Datasheet
95Kb / 1P
AC ACROSS-THE-LINE FILM CAPACITORS MPX Series: Interference Suppressor X2
MPY103K250VAC150B RFE-MPY103K250VAC150B Datasheet
89Kb / 1P
AC Y -CLASS FILM CAPACITORS MPY Series: Interference Suppressor Y2
logo
Vishay Siliconix
WYO VISHAY-WYO Datasheet
327Kb / 3P
Ceramic AC Capacitors Class X1, 440 VAC/Class Y2, 250 VAC
31-Jan-06
F17103101000 VISHAY-F17103101000 Datasheet
312Kb / 3P
AC-Capacitors, Suppression Capacitors Class Y2 (X1) AC 305 V (MKT)
15-Oct-07
logo
Kemet Corporation
PME271 KEMET-PME271 Datasheet
56Kb / 4P
EMI suppressor, classes X1, X2 and Y2, metallized paper
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com