Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C694D Datasheet (PDF) - SMSC Corporation

83C694D Datasheet PDF - SMSC Corporation
Part # 83C694D
Download  83C694D Download
File Size   205.88 Kbytes
Page   33 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Twisted-Pair Interface and Manchester Encoder/Decoder

83C694D Datasheet (PDF)

Go To PDF Page Download Datasheet
83C694D Datasheet PDF - SMSC Corporation

Part # 83C694D
Download  83C694D Click to download

File Size   205.88 Kbytes
Page   33 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Twisted-Pair Interface and Manchester Encoder/Decoder

83C694D Datasheet (HTML) - SMSC Corporation


83C694D Product details

INTRODUCTION
DOCUMENT SCOPE
This document describes the function and operation of the 83C694D Twisted-Pair Interface and Manchester Encoder/Decoder. It includes a description of external logic necessary for the efficient use of this device and its proper role in the chip set which includes the 83C690 and 83B692 as shown in Figure 1-1. Figure 1-2 provides a functional block diagram of the 83C694D chip itself.

GENERAL DESCRIPTION
The 83C694D is used for applications where Twisted-Pair Interface (TPI) and/or Attachment Unit Interface (AUI) functions are required. Its two main functions are to:

1. Receive a digital data stream from a low-level input signal and
2. Convert a digital output data stream into an analog high-current signal for transmission across a network cable.

This means that the 83C694D serves as the logical link between a network cable on one end and a digital controller chip (such as the 83C690) on the other end.

FEATURES
Features of the 83C694D include:
• Twisted-Pair interface solution for IEEE 802.3 10BaseT Standard
• Compatible with Ethernet II (10BASE5) and Cheapernet (10BASE2) IEEE 802.3 Standards
• Smart Squelch© digital noise filter at receive and collision inputs to reject noise and digital noise on twisted-pair receive inputs.
• Direct connection to the transceiver (AUI) cable
• 16V fault protection at the AUI transmitter interface
• 10 Mbps Manchester encoding/ decoding with receive clock recovery
• Low power, 1.25µ CMOS technology
• TTL/MOS-compatible controller interface
• Externally-selectable half- or full-step modes of operation at AUI TX± outputs
• Loopback capability for diagnostics
• Single station interface operation
• Link test generation and digital equalization for twisted-pair transmitter
• Automatic phase detection
• AUI/TP autoselect
• Built-in LED drivers for transmit, receive, link test and polarity status indicators




Similar Part No. - 83C694D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
83C694D ETC-83C694D Datasheet
204Kb / 33P
TWISTED PAIR INTERFACE AND MACHESTER ENCODER/DECODER
More results


Similar Description - 83C694D

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-15530 HOLTIC-HI-15530 Datasheet
312Kb / 11P
Manchester Encoder / Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
CMOS Manchester Encoder-Decoder
March 1997
logo
List of Unclassifed Man...
83C694 ETC-83C694 Datasheet
204Kb / 33P
TWISTED PAIR INTERFACE AND MACHESTER ENCODER/DECODER
logo
Data Delay Devices, Inc...
3D7503D-20 DATADELAY-3D7503D-20 Datasheet
47Kb / 5P
MONOLITHIC MANCHESTER ENCODER/DECODER
logo
Intersil Corporation
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
CMOS Manchester Encoder-Decoder
March 1997
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
CMOS Manchester Encoder-Decoder
July 29, 2005
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
CMOS Manchester Encoder-Decoder
March 1997
logo
Diodes Incorporated
3D7503 DIODES-3D7503 Datasheet
316Kb / 5P
MONOLITHIC MANCHESTER ENCODER/DECODER
12/11/98
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
CMOS Manchester Encoder-Decoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com