Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100 Datasheet (PDF) - SMSC Corporation

LAN91C100 Datasheet PDF - SMSC Corporation
Part # LAN91C100
Download  LAN91C100 Download
File Size   347.61 Kbytes
Page   101 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description FEAST??Fast Ethernet Controller

LAN91C100 Datasheet (PDF)

Go To PDF Page Download Datasheet
LAN91C100 Datasheet PDF - SMSC Corporation

Part # LAN91C100
Download  LAN91C100 Click to download

File Size   347.61 Kbytes
Page   101 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description FEAST??Fast Ethernet Controller

LAN91C100 Datasheet (HTML) - SMSC Corporation


LAN91C100 Product details

GENERAL DESCRIPTION

The LAN91C100 FEAST is a high-speed network controller designed to facilitate the implementation of Fast Ethernet adapters and connectivity products. It contains a dual speed CSMA/CD engine that implements the MAC portion of the CSMA/CD protocol at 10 and 100 Mbps and couples it with a lean and fast data and control path system architecture to ensure data movement with no bottlenecks at 100 Mbps.

Memory management is handled using a unique MMU (Memory Management Unit) architecture and a 32-bit wide data path. This I/O mapped architecture can sustain back-to-back frame transmission and reception for superior data throughput and optimal performance.



FEATURES

· Dual Speed CSMA/CD Engine (10 Mbps and 100 Mbps)

· Compliant with IEEE 802.3 100BASE-T Specification

· Supports 100BASE-TX, 100BASE-T4, and 10BASE-T Physical Interfaces

· 32 Bit Wide Data Path (Into Packet Buffer Memory)

· Support for 32 and 16 Bit Buses

· Support for 32, 16 and 8 Bit CPU Accesses

· Synchronous, Asynchronous and Burst DMA Interface Mode Options

· 128 Kbyte External Memory

· Built-in Transparent Arbitration for Slave

   Sequential Access Architecture

· Flat MMU Architecture with Symmetric

   Transmit and Receive Structures and Queues

· MII (Media Independent Interface)

   Compliant MAC-PHY Interface (Compliant with Emerging MII Standard Interface)

· MII Management Serial Interface

· Seven Wire Interface to 10 Mbps ENDEC (LAN83C694)

· EEPROM-Based Setup

· 208 Pin PQFP and TQFP Package



 




Similar Part No. - LAN91C100

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C100-FD SMSC-LAN91C100-FD Datasheet
585Kb / 79P
FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100-FD SMSC-LAN91C100-FD Datasheet
354Kb / 67P
FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100-FD SMSC-LAN91C100-FD Datasheet
456Kb / 78P
FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100-FD SMSC-LAN91C100-FD Datasheet
501Kb / 77P
FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100-FD-SS SMSC-LAN91C100-FD-SS Datasheet
354Kb / 67P
FEAST Fast Ethernet Controller with Full Duplex Capability
More results


Similar Description - LAN91C100

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
91C100FDREVB SMSC-91C100FDREVB Datasheet
423Kb / 68P
FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100FDREVD SMSC-LAN91C100FDREVD Datasheet
585Kb / 79P
FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
logo
List of Unclassifed Man...
VT86C100A ETC-VT86C100A Datasheet
349Kb / 32P
PCI FAST ETHERNET CONTROLLER
logo
SMSC Corporation
LAN91C110 SMSC-LAN91C110 Datasheet
482Kb / 55P
FEAST FAST ETHERNET CONTROLLER FOR PCMCIA AND GENERIC 16-BIT APPLICATIONS
logo
List of Unclassifed Man...
SMC91C100 ETC1-SMC91C100 Datasheet
411Kb / 83P
FEAST Fast Ethernet Controller
logo
SMSC Corporation
LAN91C100FD SMSC-LAN91C100FD_06 Datasheet
354Kb / 67P
FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100FD_0601 SMSC-LAN91C100FD_0601 Datasheet
456Kb / 78P
FEAST Fast Ethernet Controller with Full Duplex Capability
logo
Intel Corporation
82551IT INTEL-82551IT Datasheet
736Kb / 102P
Fast Ethernet PCI Controller
logo
SMSC Corporation
LAN91C110 SMSC-LAN91C110_08 Datasheet
381Kb / 56P
FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
LAN91C100FD SMSC-LAN91C100FD_08 Datasheet
501Kb / 77P
FEAST Fast Ethernet Controller with Full Duplex Capability
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com