Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1103 Datasheet (PDF) - NXP Semiconductors

ISP1103 Datasheet PDF - NXP Semiconductors
Part # ISP1103
Download  ISP1103 Download
File Size   484.35 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Universal Serial Bus transceiver

ISP1103 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISP1103 Datasheet PDF - NXP Semiconductors

Part # ISP1103
Download  ISP1103 Click to download

File Size   484.35 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Universal Serial Bus transceiver

ISP1103 Datasheet (HTML) - NXP Semiconductors


ISP1103 Product details

General description
The ISP1103 is a single-chip generic Universal Serial Bus (USB) transceiver that is fully compliant with the Universal Serial Bus Specification Rev. 1.1. It allows 3.3 V USB Application Specific ICs (ASICs) and Programmable Logic Devices (PLDs) to interface with the physical layer of the Universal Serial Bus. It supports transmitting and receiving serial data at both full-speed (12 Mbit/s) and low-speed (1.5 Mbit/s) data rates. It also supports the low-power single-ended input receiver interface in ‘suspend’ mode operation. The ISP1103 operates on a 3.3 V supply voltage.

Features
■ Complies with Universal Serial Bus Specification Rev. 1.1
■ Supports full-speed (12 Mbit/s) and low-speed (1.5 Mbit/s) serial data rates
■ Slew-rate controlled differential data driver
■ Differential input receiver with wide common-mode range and very high data input sensitivity
■ Stable RCV output during SE0 condition
■ Two single-ended receivers with hysteresis
■ Supports ‘Philips Encoded Data Interface’ and ‘USB-IF Standard Data Interface’
■ Low-power operation in ‘suspend’ mode
■ Operates on a 3.3 V supply voltage
■ Fully backward compatible with PDIUSBP11A
■ Compatible with VHDL ‘Serial Interface Engine’ from USB Implementers Forum
■ Higher than 8 kV ESD protection
■ Full industrial operating temperature range −40 to +85 °C
■ Available in SO14, SSOP14 and TSSOP14 packages.




Similar Part No. - ISP1103

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1102 PHILIPS-ISP1102 Datasheet
533Kb / 23P
Advanced Universal Serial Bus transceiver
Rev. 03-02 September 2003
ISP1102A NXP-ISP1102A Datasheet
168Kb / 25P
Advanced Universal Serial Bus transceiver
Rev. 01-15 February 2007
ISP1102AW NXP-ISP1102AW Datasheet
168Kb / 25P
Advanced Universal Serial Bus transceiver
Rev. 01-15 February 2007
ISP1102BS PHILIPS-ISP1102BS Datasheet
533Kb / 23P
Advanced Universal Serial Bus transceiver
Rev. 03-02 September 2003
ISP1102W PHILIPS-ISP1102W Datasheet
533Kb / 23P
Advanced Universal Serial Bus transceiver
Rev. 03-02 September 2003
More results


Similar Description - ISP1103

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDIUSBP11 PHILIPS-PDIUSBP11 Datasheet
111Kb / 10P
Universal Serial Bus transceiver
1997 Sep 16
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
Universal Serial Bus Transceiver
1999 Jun 04
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
Universal Serial Bus Transceiver
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550A MICREL-MIC2550A Datasheet
122Kb / 11P
Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20_08 Datasheet
275Kb / 9P
Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550 MICREL-MIC2550_11 Datasheet
127Kb / 11P
Universal Serial Bus Transceiver
MIC2550A MICREL-MIC2550A_11 Datasheet
127Kb / 11P
Universal Serial Bus Transceiver
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com