Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E22RZAT Datasheet (PDF) - Texas Instruments

TUSB2E22RZAT Datasheet PDF - Texas Instruments
Part # TUSB2E22RZAT
Download  TUSB2E22RZAT Download
File Size   1456.85 Kbytes
Page   30 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TUSB2E22 eUSB2-USB 2.0 Dual Repeater

TUSB2E22RZAT Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB2E22RZAT Datasheet PDF - Texas Instruments

Part # TUSB2E22RZAT
Download  TUSB2E22RZAT Click to download

File Size   1456.85 Kbytes
Page   30 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TUSB2E22 eUSB2-USB 2.0 Dual Repeater

TUSB2E22RZAT Datasheet (HTML) - Texas Instruments


TUSB2E22RZAT Product details

1 Features
• Compliance to USB 2.0 and eUSB2 (rev 1.1)
• Support for low-speed (LS), full-speed (FS), highspeed
(HS)
• Dual repeater with 2:2 crossbar mux
• Host and device mode (DRD) support
• 4 eUSB2 compensation settings to meet different
system requirements
• eUSB2 LS/FS signaling meets 1.2 V option of the
eUSB2 interface

2 Applications
• Communications equipment
• Enterprise systems
• Notebooks and desktops
• Industrial
• Tablets
• Portable electronics

3 Description
TUSB2E22 enables implementation of USB 2.0
compliance port on newer processors using lower
voltage processes.
TUSB2E22 is a USB-compliant eUSB2-USB 2.0
repeater supporting both device and host modes.
TUSB2E22 supports USB low-speed (LS) and fullspeed
(FS) signals and high-speed (HS) signals.
TUSB2E22 is designed to interface with eUSB2
eDSPr or eUSPr operating at 1.2 V single-ended
signaling.
TUSB2E22 has 4 levels of compensation settings
through the EQ0 and EQ1 pins. These settings could
be used to optimize compensation for different eUSB2
channel loss profiles.




Similar Part No. - TUSB2E22RZAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2E22 TI1-TUSB2E22 Datasheet
583Kb / 26P
TUSB2E22 eUSB2-USB 2.0 Dual Repeater
TUSB2E221 TI1-TUSB2E221 Datasheet
1Mb / 63P
TUSB2E221 USB 2.0-eUSB2 Dual Repeater
JUNE 2024
TUSB2E221 TI-TUSB2E221 Datasheet
1Mb / 65P
TUSB2E221 USB 2.0-eUSB2 Dual Repeater
NOVEMBER 2024
TUSB2E221 TI-TUSB2E221 Datasheet
1Mb / 66P
TUSB2E221 USB 2.0-eUSB2 Dual Repeater
NOVEMBER 2024
TUSB2E221 TI2-TUSB2E221 Datasheet
1Mb / 63P
TUSB2E221 USB 2.0-eUSB2 Dual Repeater
REVISED OCTOBER 2025
More results


Similar Description - TUSB2E22RZAT

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
614108247221 WURTH-614108247221 Datasheet
609Kb / 2P
WR-USB 2.0 HORIZONTAL DUAL-WAY USB 2.0
logo
NXP Semiconductors
IP4220CZ6 PHILIPS-IP4220CZ6_15 Datasheet
227Kb / 9P
Dual USB 2.0 integrated ESD protection
Rev. 5-8 July 2011
logo
Wurth Elektronik GmbH &...
614008246521 WURTH-614008246521 Datasheet
498Kb / 1P
DUAL USB 2.0 TYPE A
logo
Tripp Lite. All Rights ...
U042-025 TRIPPLITE-U042-025 Datasheet
175Kb / 2P
USB 2.0 A/B Active Repeater Cable (M/M), 25-ft.
U042-030 TRIPPLITE-U042-030 Datasheet
167Kb / 3P
USB 2.0 A/B Active Repeater Cable (M/M), 30 ft.
U042-036 TRIPPLITE-U042-036 Datasheet
176Kb / 2P
USB 2.0 A/B Active Repeater Cable (M/M), 36-ft.
U026-15M TRIPPLITE-U026-15M Datasheet
169Kb / 3P
USB 2.0 Active Extension Repeater Cable (USB-A M/F), 15 m (49 ft.)
logo
Texas Instruments
TUSB2E22 TI1-TUSB2E22 Datasheet
583Kb / 26P
TUSB2E22 eUSB2-USB 2.0 Dual Repeater
TUSB2E11 TI-TUSB2E11 Datasheet
1Mb / 58P
TUSB2E11 USB 2.0-eUSB2 Repeater
REVISED JUNE 2022
TUSB2E11 TI1-TUSB2E11_V01 Datasheet
1Mb / 58P
TUSB2E11 USB 2.0-eUSB2 Repeater
REVISED AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com