Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA5302MS Datasheet (PDF) - Infineon Technologies AG

MA5302MS Datasheet PDF - Infineon Technologies AG
Part # MA5302MS
Download  MA5302MS Download
File Size   3699.63 Kbytes
Page   60 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 2x200W Class-D Amplifier, Analog Input, with Integrated 16mΩ RDS(ON) Output Stage

MA5302MS Datasheet (PDF)

Go To PDF Page Download Datasheet
MA5302MS Datasheet PDF - Infineon Technologies AG

Part # MA5302MS
Download  MA5302MS Click to download

File Size   3699.63 Kbytes
Page   60 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 2x200W Class-D Amplifier, Analog Input, with Integrated 16mΩ RDS(ON) Output Stage

MA5302MS Datasheet (HTML) - Infineon Technologies AG


MA5302MS Product details

Features
 Integrated output stage with 16mΩ typical RDS(ON)
 2 x 200W POUT in stereo mode (2Ω, THD=10%)
 1 x 400W POUT in mono mode (4Ω, THD=10%)
 Supports both single and split supplies
o Split supply operational range: ±17 – ±32V
o Single supply Operational range: +32 – +64V
 95% full load efficiency into 2Ω
 >70% idle mode efficiency
 Open-drain flag indicators for clipping and Fault conditions
 Multiple configuration: single-ended, BTL & PSE (Parallel Single Ended)
 Programmable power up delay timer (CSD)
o Click and pop free startup and shutdown
 Integrated protection: OCP, OTP & UVLO
 Pin to pin compatible to MA53x2 family
 Available in QFN 7m x7m – 42 pin




Similar Part No. - MA5302MS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MA5302MS INFINEON-MA5302MS Datasheet
4Mb / 64P
2x200W Class D Amplifier, with Analog Inputs and Integrated 49.2mΩ RDS(ON) Output Stage
2023-11-21,Rev.2.1
More results


Similar Description - MA5302MS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5413EFV ROHM-BD5413EFV_10 Datasheet
591Kb / 15P
Analog Input / BTL Output Class-D Speaker Amplifier
BD5423AEFS ROHM-BD5423AEFS_10 Datasheet
612Kb / 18P
Analog Input / BTL Output Class-D Speaker Amplifier
BD5423MUV ROHM-BD5423MUV_10 Datasheet
591Kb / 17P
Analog Input / BTL Output Class-D Speaker Amplifier
BD5424EFS ROHM-BD5424EFS_10 Datasheet
565Kb / 18P
Analog Input/BTL Output Class-D Speaker Amplifier
BD5426MUV ROHM-BD5426MUV_10 Datasheet
454Kb / 16P
Analog Input / BTL Output Class-D Speaker Amplifier
BD5427EFS ROHM-BD5427EFS_10 Datasheet
520Kb / 16P
Analog Input / BTL Output Class-D Speaker Amplifier
BD5427MUV ROHM-BD5427MUV_10 Datasheet
412Kb / 16P
Analog Input / BTL Output Class-D Speaker Amplifier
BD5426EFS ROHM-BD5426EFS_10 Datasheet
529Kb / 17P
Analog Input / BTL Output Class-D Speaker Amplifier
logo
Infineon Technologies A...
IR4301M INFINEON-IR4301M Datasheet
1Mb / 15P
Integrated analog input Class D audio amplifier
April 22, 2013
MA5342MS INFINEON-MA5342MS Datasheet
4Mb / 64P
2x200W Class D Amplifier, with Analog Inputs and Integrated 49.2mΩ RDS(ON) Output Stage
V 2.1 11/2/2023
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com