Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS830A4EPV50 Datasheet (PDF) - Infineon Technologies AG

TLS830A4EPV50 Datasheet PDF - Infineon Technologies AG
Part # TLS830A4EPV50
Download  TLS830A4EPV50 Download
File Size   1715.54 Kbytes
Page   21 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OPTIREG™ linear voltage regulator TLS830A4EPV50 Ultra low quiescent current linear voltage regulator

TLS830A4EPV50 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLS830A4EPV50 Datasheet PDF - Infineon Technologies AG

Part # TLS830A4EPV50
Download  TLS830A4EPV50 Click to download

File Size   1715.54 Kbytes
Page   21 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OPTIREG™ linear voltage regulator TLS830A4EPV50 Ultra low quiescent current linear voltage regulator

TLS830A4EPV50 Datasheet (HTML) - Infineon Technologies AG


TLS830A4EPV50 Product details

Features
• Ultra low quiescent current, typically 4.3 μA at light loads
• Wide input voltage range from 3.2 V to 40 V
• Output voltage 5 V
• Output voltage accuracy ±2%
• Output current capability up to 300 mA
• Low dropout voltage, typically 190 mV, at output current below 100 mA
• Stable with ceramic output capacitor of 4.7 μF
• Overtemperature shutdown
• Output current limitation
• Wide temperature range
• Green Product (RoHS compliant)




Similar Part No. - TLS830A4EPV50

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS835B2ELV INFINEON-TLS835B2ELV Datasheet
869Kb / 25P
Low Dropout Linear Voltage Regulator
Rev. 1.1 2018-09-17
TLS835B2ELVSE INFINEON-TLS835B2ELVSE Datasheet
903Kb / 27P
Low Dropout Linear Voltage Regulator
Rev. 1.1 2018-09-17
TLS835D2ELVSE INFINEON-TLS835D2ELVSE Datasheet
1Mb / 32P
OPTIREG??Linear TLS835D2ELVSE
Rev. 1.1 2018-09-17
More results


Similar Description - TLS830A4EPV50

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV33 INFINEON-TLS805B1LDV33 Datasheet
998Kb / 24P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810A1LDV33 INFINEON-TLS810A1LDV33 Datasheet
947Kb / 21P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810B1EJV50 INFINEON-TLS810B1EJV50 Datasheet
1Mb / 25P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2 2016-12-20
TLS850A4TEV50 INFINEON-TLS850A4TEV50 Datasheet
1Mb / 21P
OPTIREG™ linear voltage regulator TLS850A4TEV50 Ultra low quiescent current linear voltage regulator
Rev. 1.0 2023-05-25
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com