Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB180-B Datasheet (PDF) - Diodes Incorporated

SB180-B Datasheet PDF - Diodes Incorporated
Part # SB180-B
Download  SB180-B Download
File Size   68.11 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER

SB180-B Datasheet (PDF)

Go To PDF Page Download Datasheet
SB180-B Datasheet PDF - Diodes Incorporated

Part # SB180-B
Download  SB180-B Click to download

File Size   68.11 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER

SB180-B Datasheet (HTML) - Diodes Incorporated




Similar Part No. - SB180-B

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SB180-1A-DO-41 DGNJDZ-SB180-1A-DO-41 Datasheet
295Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB180-E LRC-SB180-E Datasheet
181Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
logo
Gulf Semiconductor
SB180-E-41C GULFSEMI-SB180-E-41C Datasheet
146Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 80V CURRENT: 1.0A
logo
Won-Top Electronics
SB180-T3 WTE-SB180-T3 Datasheet
62Kb / 4P
1.0A SCHOTTKY BARRIER DIODE
SB180-TB WTE-SB180-TB Datasheet
62Kb / 4P
1.0A SCHOTTKY BARRIER DIODE
More results


Similar Description - SB180-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SB170 DIODES-SB170 Datasheet
63Kb / 2P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30116 Rev. B-1
DFLS1100 DIODES-DFLS1100 Datasheet
86Kb / 3P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30497 Rev. 4 - 2
DFLS1200 DIODES-DFLS1200 Datasheet
382Kb / 3P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30628 Rev. 3 - 2
B170 DIODES-B170_10 Datasheet
101Kb / 4P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30018 Rev. 10 - 2
B1100LB DIODES-B1100LB_10 Datasheet
107Kb / 4P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30077 Rev. 10 - 2
DFLS1150 DIODES-DFLS1150_08 Datasheet
132Kb / 3P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30593 Rev. 6 - 2
SB170 DIODES-SB170_15 Datasheet
64Kb / 2P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev erse
B1100LB DIODES-B1100LB_15 Datasheet
107Kb / 4P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev 10
B170BQ DIODES-B170BQ Datasheet
393Kb / 5P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev 2
B170Q DIODES-B170Q Datasheet
314Kb / 5P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev 1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com