Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBU6005 Datasheet (PDF) - ASEMI TECHNOLOGY., LTD

KBU6005 Datasheet PDF - ASEMI TECHNOLOGY., LTD
Part # KBU6005
Download  KBU6005 Download
File Size   117.58 Kbytes
Page   2 Pages
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD
Description ASEMI Bridge Rectifier

KBU6005 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBU6005 Datasheet PDF - ASEMI TECHNOLOGY., LTD

Part # KBU6005
Download  KBU6005 Click to download

File Size   117.58 Kbytes
Page   2 Pages
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD
Description ASEMI Bridge Rectifier

KBU6005 Datasheet (HTML) - ASEMI TECHNOLOGY., LTD


KBU6005 Product details

Features

This series is SGS listed under the Recognized
Component Index. fle number SZXEC1902259902

Ideal for P.C. Board mounting

High surge current capability

The plastic material used carries Underwriters
Laboratory flammability recognition 94V-0

High temperature soldering guaranteed 265°C /10
seconds at 5 Ibs (2.3kg) tension




Similar Part No. - KBU6005

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
KBU6005 FUJI-KBU6005 Datasheet
719Kb / 1P
6 AMP SILICON BRIDGE RECTIFIER
logo
RFE international
KBU6005 RFE-KBU6005 Datasheet
341Kb / 2P
BRIDGE RECTIFIERS 3.0 to 6.0 Amps
logo
Diotech Company.
KBU6005 DIOTECH-KBU6005 Datasheet
770Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Kingtronics Internation...
KBU6005 KINGTRONICS-KBU6005 Datasheet
387Kb / 2P
Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 6.0 Amperes
logo
Continental Device Indi...
KBU6005 CDIL-KBU6005 Datasheet
204Kb / 3P
SINGLE PHASE SILICON BRIDGE RECTIFIER
More results


Similar Description - KBU6005

ManufacturerPart #DatasheetDescription
logo
ASEMI TECHNOLOGY., LTD
DB107 ASEMI-DB107 Datasheet
171Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
GBJ610 ASEMI-GBJ610 Datasheet
114Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
GBU410 ASEMI-GBU410 Datasheet
101Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBP310 ASEMI-KBP310 Datasheet
112Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBPC810 ASEMI-KBPC810 Datasheet
94Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
MB10F ASEMI-MB10F Datasheet
176Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
MB10M ASEMI-MB10M Datasheet
183Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
GBJ5010 ASEMI-GBJ5010 Datasheet
259Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBPC3510W ASEMI-KBPC3510W Datasheet
104Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBU810 ASEMI-KBU810 Datasheet
115Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com