Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HI-1570 Datasheet (PDF) - Holt Integrated Circuits

HI-1570 Datasheet PDF - Holt Integrated Circuits
Part # HI-1570
Download  HI-1570 Download
File Size   77.97 Kbytes
Page   9 Pages
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits
Description 5V Monolithic Dual Variable AmplitudeTransceiver

HI-1570 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI-1570 Datasheet PDF - Holt Integrated Circuits

Part # HI-1570
Download  HI-1570 Click to download

File Size   77.97 Kbytes
Page   9 Pages
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits
Description 5V Monolithic Dual Variable AmplitudeTransceiver

HI-1570 Datasheet (HTML) - Holt Integrated Circuits


HI-1570 Product details

DESCRIPTION
The HI-1570 is a low power CMOS dual +5V transceiver with the ability to vary the amplitude of the transmitter outputs. It is designed to meet the requirements of the MIL-STD-1553 / 1760 specifications.
The transmitter section of each bus takes complementary CMOS / TTL Manchester II bi-phase data and converts it to differential voltages suitable for driving the bus isolation transformer. Separate transmitter inhibit control signals are provided for each transmitter. A single pin allows the user to control the transmitter output amplitude.

FEATURES
● Compliant to MIL-STD-1553A & B, MIL-STD-1760, ARINC 708A
● CMOS technology for low standby power
● Single +5V power supply
● Variable transmitter output amplitude
● Smallest footprint available in 7mm x 7mm plastic chip-scale (QFN) package with integral heatsink
● Less than 1.0W maximum power dissipation
● Industrial and extended temperature ranges
● Industry standard pin configurations




Similar Part No. - HI-1570

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1570 HOLTIC-HI-1570 Datasheet
89Kb / 11P
5V Monolithic Dual Variable AmplitudeTransceiver
HI-1570CDI HOLTIC-HI-1570CDI Datasheet
89Kb / 11P
5V Monolithic Dual Variable AmplitudeTransceiver
HI-1570CDM HOLTIC-HI-1570CDM Datasheet
89Kb / 11P
5V Monolithic Dual Variable AmplitudeTransceiver
HI-1570CDT HOLTIC-HI-1570CDT Datasheet
89Kb / 11P
5V Monolithic Dual Variable AmplitudeTransceiver
HI-1570PCI HOLTIC-HI-1570PCI Datasheet
89Kb / 11P
5V Monolithic Dual Variable AmplitudeTransceiver
More results


Similar Description - HI-1570

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1567 HOLTIC-HI-1567 Datasheet
216Kb / 7P
5V MONOLITHIC DUAL TRANSCEIVERS
HI-1569 HOLTIC-HI-1569 Datasheet
100Kb / 8P
5V Monolithic Dual Transceiver
HI-1569 HOLTIC-HI-1569_06 Datasheet
74Kb / 8P
5V Monolithic Dual Transceiver
HI-1565 HOLTIC-HI-1565 Datasheet
159Kb / 9P
5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_03 Datasheet
106Kb / 9P
5V MONOLITHIC DUAL TRANSCEIVERS
HI-1567 HOLTIC-HI-1567_06 Datasheet
157Kb / 9P
5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_09 Datasheet
97Kb / 10P
5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_09 Datasheet
85Kb / 10P
5V Monolithic Dual Transceivers
HI-1570 HOLTIC-HI-1570_09 Datasheet
89Kb / 11P
5V Monolithic Dual Variable AmplitudeTransceiver
HI-1567 HOLTIC-HI-1567_16 Datasheet
83Kb / 11P
5V Monolithic Dual Transceivers
More results




About Holt Integrated Circuits


Holt Integrated Circuits is a semiconductor company that designs and manufactures integrated circuits (ICs) for the avionics and military markets. The company specializes in data bus communication ICs and offers a wide range of products for the ARINC 429, MIL-STD-1553, ARINC 825 (CAN), ARINC 717, and other data bus protocols.

Holt's products are used in a variety of avionics and military applications, including flight management systems, engine control systems, and communication equipment. They are known for their rugged and reliable products that are designed to operate in harsh environments.

The company was founded in 1983 and is headquartered in Mission Viejo, California, USA. Holt has a strong commitment to research and development, and is dedicated to providing high-quality and reliable products to their customers. In addition to their standard products, Holt also provides customized solutions to meet specific customer requirements.

Overall, Holt Integrated Circuits is a trusted and reputable supplier of data bus communication ICs for the avionics and military markets, with a strong reputation for quality and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com