Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1623 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

2SC1623 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # 2SC1623
Download  2SC1623 Download
File Size   557.06 Kbytes
Page   3 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description SOT-23 Plastic-Encapsulate Transistors

2SC1623 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC1623 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # 2SC1623
Download  2SC1623 Click to download

File Size   557.06 Kbytes
Page   3 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description SOT-23 Plastic-Encapsulate Transistors

2SC1623 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


2SC1623 Product details

FEATURES
* High DC current gain :hFE=200(Typ) VCE=6V,IC=1mA
* High voltage:VCEO=50V




Similar Part No. - 2SC1623

ManufacturerPart #DatasheetDescription
logo
NEC
2SC1623 NEC-2SC1623 Datasheet
60Kb / 6P
AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
Weitron Technology
2SC1623 WEITRON-2SC1623 Datasheet
194Kb / 4P
NPN General Purpose Transistors
logo
Micro Commercial Compon...
2SC1623 MCC-2SC1623 Datasheet
62Kb / 1P
NPN Silicon Epitaxial Transistors
logo
TRANSYS Electronics Lim...
2SC1623 TEL-2SC1623 Datasheet
67Kb / 1P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SC1623 BILIN-2SC1623 Datasheet
203Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results


Similar Description - 2SC1623

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
MMBT3904 DAYA-MMBT3904 Datasheet
186Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
MMBTA42 DAYA-MMBTA42 Datasheet
202Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBTA13 DAYA-MMBTA13 Datasheet
389Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBT3906 DAYA-MMBT3906 Datasheet
180Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
WILLAS ELECTRONIC CORP
A733 WILLAS-A733 Datasheet
434Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
BCW61BLT1 WINNERJOIN-BCW61BLT1 Datasheet
150Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Nanjing International G...
MMBT2222A DGNJDZ-MMBT2222A Datasheet
693Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
S9015 DGNJDZ-S9015 Datasheet
504Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com