Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40N06 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

40N06 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # 40N06
Download  40N06 Download
File Size   1208.06 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 60V N-Channel Enhancement Mode Power MOSFET

40N06 Datasheet (PDF)

Go To PDF Page Download Datasheet
40N06 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # 40N06
Download  40N06 Click to download

File Size   1208.06 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 60V N-Channel Enhancement Mode Power MOSFET

40N06 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


40N06 Product details

Features
VDS = 60V,ID =40A
RDS(ON),14mΩ(Typ) @ VGS =10V
RDS(ON),16mΩ(Typ) @ VGS =4.5V
Advanced Trench Technology
Excellent RDS(ON) and Low Gate Charge
Lead free product is acquired




Similar Part No. - 40N06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
40N06 ISC-40N06 Datasheet
68Kb / 2P
Fast Switching
logo
VBsemi Electronics Co.,...
40N06 VBSEMI-40N06 Datasheet
897Kb / 6P
N-Channel 60-V (D-S) MOSFET
logo
EVER SEMICONDUCTOR CO.,...
40N06 EVVOSEMI-40N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
Rev:2023A2
logo
DinTek Semiconductor Co...
40N06 DINTEK-40N06 Datasheet
1Mb / 7P
N-Channel 60-V (D-S) MOSFET TrenchFET Power MOSFET
logo
KIA Semiconductor Techn...
40N06B KIA-40N06B Datasheet
196Kb / 5P
38A竊?0V N-CHANNEL MOSFET
More results


Similar Description - 40N06

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
60V N-Channel Enhancement Mode MOSFET
logo
Guangdong Youtai Semico...
20N06 UMW-20N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
30N06 UMW-30N06 Datasheet
1Mb / 7P
60V N-Channel Enhancement Mode Power MOSFET
50N06 UMW-50N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
IRLR2905TR UMW-IRLR2905TR Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD30NF06L UMW-STD30NF06L Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD35NF06 UMW-STD35NF06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com