Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7030 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

7030 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # 7030
Download  7030 Download
File Size   3701.58 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description This series of detectors can detect fixed voltages from 2.2V to 7V.

7030 Datasheet (PDF)

Go To PDF Page Download Datasheet
7030 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # 7030
Download  7030 Click to download

File Size   3701.58 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description This series of detectors can detect fixed voltages from 2.2V to 7V.

7030 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


7030 Product details

Low power consumption, typical value: 2.0uA
Wide operating voltage range: 1.5V~12V
Low temperature drift detection voltage: typical value ±50pp m/℃
Built-in hysteresis feature
High-precision voltage value detection: ±3%
Small package:
SOT89-3, TO92, SOT23-3




Similar Part No. - 7030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7030 ETC2-7030 Datasheet
327Kb / 1P
LED SPACER MOUNTS
7030 ETC2-7030 Datasheet
338Kb / 1P
LED SPACER MOUNTS
7030 ETC2-7030 Datasheet
114Kb / 2P
LED SPACER MOUNTS
logo
Heyco.
7030 HEYCO-7030 Datasheet
132Kb / 1P
Male Pins
logo
Keystone Electronics Co...
7030 KEYSTONE-7030 Datasheet
315Kb / 1P
LED SPACER MOUNTS
31-07 20th
More results


Similar Description - 7030

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
SC-100 SLPOWER-SC-100 Datasheet
89Kb / 2P
Output voltages from 3.3 V to 48 V
logo
Texas Instruments
LM2727 TI-LM2727 Datasheet
1Mb / 31P
input Power from 2.2V to 16V, Output voltage Adjustable Down to 0.6V
logo
Anpec Electronics Corop...
APL5885 ANPEC-APL5885_09 Datasheet
145Kb / 11P
500mA LowDropout Linear Regulator of Adjustable and Fixed Voltages
logo
XP Power Limited
AEH XPPOWER-AEH Datasheet
617Kb / 5P
Output Voltages from 2.5 V to 48 V
logo
List of Unclassifed Man...
60001-003 ETC2-60001-003 Datasheet
281Kb / 5P
The optical isolator can accommodate standard operating voltages from 5 to 28 VDC
logo
Maxim Integrated Produc...
MAX1999 MAXIM-MAX1999 Datasheet
180Kb / 8P
7V to 24V Input Voltage Range, 3.3V and 5V Output Voltages
Rev 0; 7/02
logo
PHOENIX CONTACT
2702502 PHOENIX-2702502 Datasheet
82Kb / 4P
This terminal can be used to acquire signals from standard thermocouples.
2702504 PHOENIX-2702504 Datasheet
81Kb / 4P
This terminal can be used to acquire signals from standard thermocouples.
logo
Maxim Integrated Produc...
MAX8513EVKIT MAXIM-MAX8513EVKIT Datasheet
709Kb / 9P
This EV kit operates from 9V to 16V, generating three positive output voltages
Rev 0; 4/04
MAX17502FTEVKIT MAXIM-MAX17502FTEVKIT Datasheet
734Kb / 8P
Operates from a 7V to 60V Input Supply
Rev 2; 11/17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com