Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78L07 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

78L07 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # 78L07
Download  78L07 Download
File Size   3028.01 Kbytes
Page   13 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Three-terminal voltage stabilizing circuit—78L XX

78L07 Datasheet (PDF)

Go To PDF Page Download Datasheet
78L07 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # 78L07
Download  78L07 Click to download

File Size   3028.01 Kbytes
Page   13 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Three-terminal voltage stabilizing circuit—78L XX

78L07 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


78L07 Product details

features
It is a small current voltage-stabilized bipolar integrated circuit that outputs a fixed voltage.
The main features of this circuit are as follows:
Maximum output current 0.30A
The output voltages include 5V, 6V, 7V, 7.5V, 8V, 9V, 12V, 15V, 18V, 24V, etc.
Built-in overheating protection circuit
Built-in overload limiting circuit
Built-in output short circuit protection
Package form: SOT-89, TO-92, etc.




Similar Part No. - 78L07

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
78L07 SEMTECH_ELEC-78L07 Datasheet
183Kb / 1P
3-Terminal positive voltage regulator
logo
Guangdong Youtai Semico...
78L07 UMW-78L07 Datasheet
2Mb / 13P
Three-terminal voltage stabilizing circuit—78L XX
More results


Similar Description - 78L07

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK116XXU TOKO-TK116XXU Datasheet
78Kb / 14P
THREE-TERMINAL VOLTAGE REGULATOR
logo
KEC(Korea Electronics)
KIA79M05F KEC-KIA79M05F Datasheet
444Kb / 9P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA79M05P KEC-KIA79M05P Datasheet
182Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL NEGATIVE VOLTAGE REGULATORS)
KIA79S05P KEC-KIA79S05P Datasheet
242Kb / 12P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL NEGATIVE VOLTAGE REGULATORS)
logo
Guilin Strong Micro-Ele...
GM6202 GSME-GM6202 Datasheet
972Kb / 3P
Three-terminal Voltage Regulator
logo
Guangdong Kexin Industr...
78L03 KEXIN-78L03 Datasheet
365Kb / 1P
Three-Terminal Voltage Regulator
78L05-23 KEXIN-78L05-23 Datasheet
417Kb / 1P
Three-Terminal Voltage Regulator
logo
Micro Commercial Compon...
MC28L05F MCC-MC28L05F Datasheet
502Kb / 4P
Three-terminal Voltage Regulators
logo
Guangdong Youtai Semico...
78L05-300 UMW-78L05-300 Datasheet
2Mb / 13P
Three-terminal voltage stabilizing circuit—78L XX
78L08-300 UMW-78L08-300 Datasheet
2Mb / 13P
Three-terminal voltage stabilizing circuit—78L XX
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com