Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

817 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

817 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # 817
Download  817 Download
File Size   2899.61 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 817 photocoupler consist of one piece of GaAs emitter and one piece of NPN transistor

817 Datasheet (PDF)

Go To PDF Page Download Datasheet
817 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # 817
Download  817 Click to download

File Size   2899.61 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 817 photocoupler consist of one piece of GaAs emitter and one piece of NPN transistor

817 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


817 Product details

Current Conversion Ratio (Min 50% Working Condition IF=5mA, VCE=5V)
Insulation Voltage = 5,000Vrms
Response Time (tr: TYP. 4μs working condition VCE=2V, IC=2mA, RL=100 Ω)
UL approved: UL1577, file No. E492440




Similar Part No. - 817

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
817 BELDEN-817 Datasheet
488Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Copyright BG
817 BG-817 Datasheet
5Mb / 6P
SLEEK AND SLIM, WITH SOFTLY ROUNDED CORNERS AND GENTLY CURVED ROCKERS, NEXUS COMBINES SUPERIOR QUALITY WITH STUNNING GOOD LOOK SAND EASY INSTALLATION.
logo
Mill-Max Mfg. Corp.
817-22-072-30 MILL-MAX-817-22-072-30 Datasheet
106Kb / 3P
Interconnect Header Spring-Loaded Header Double Row Surface Mount
logo
Belden Inc.
8170 BELDEN-8170 Datasheet
152Kb / 2P
RS232/422 Low Cap, #24-10pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
01-20-2023
logo
Keystone Electronics Co...
8170 KEYSTONE-8170 Datasheet
279Kb / 1P
METAL CABLE CLAMPS
31-07 20th
More results


Similar Description - 817

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIL193 TI-TIL193 Datasheet
85Kb / 6P
Optocouplers consist of one gallium-arsenide light-emitting diode and one silicon npn phototransistor per channel
logo
NEC
PS4601 NEC-PS4601 Datasheet
101Kb / 4P
ONE PIECE PHOTO INTERRUPTER
logo
List of Unclassifed Man...
V704 ETC2-V704 Datasheet
290Kb / 8P
One-Piece Surface Steel Raceway
V711 ETC2-V711 Datasheet
290Kb / 8P
One-Piece Surface Steel Raceway
V5744S ETC2-V5744S Datasheet
1Mb / 9P
One-Piece Steel Surface Raceway
logo
Samtec, Inc
FSI SAMTEC-FSI Datasheet
512Kb / 6P
1,00 mm One Piece Interface
logo
Vishay Siliconix
157 VISHAY-157 Datasheet
126Kb / 4P
7/8" (22.2 mm) Precision Industrial Potentiometer, Bushing And Servo Mount Versions, Conductive Plastic
06-Nov-15
logo
Samtec, Inc
FSI-110-03-G-D-AD SAMTEC-FSI-110-03-G-D-AD Datasheet
1Mb / 2P
LOW PROFILE & ELEVATED ONE PIECE
logo
Lapp.
61721340 LAPP-61721340 Datasheet
72Kb / 1P
RSK one-piece screen connector
13.03.2019
logo
Guangdong Youtai Semico...
PC817C UMW-PC817C Datasheet
465Kb / 5P
The 817 series optocoupler is composed of a GaAs emitter and an NPN transistor.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com