Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBJ10005 Datasheet (PDF) - ASEMI TECHNOLOGY., LTD

KBJ10005 Datasheet PDF - ASEMI TECHNOLOGY., LTD
Part # KBJ10005
Download  KBJ10005 Download
File Size   235.21 Kbytes
Page   2 Pages
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD
Description 1 A Single-Phase Silicon Bridge Rectifier Rectifier Reverse Voltage 50 to 1000V

KBJ10005 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBJ10005 Datasheet PDF - ASEMI TECHNOLOGY., LTD

Part # KBJ10005
Download  KBJ10005 Click to download

File Size   235.21 Kbytes
Page   2 Pages
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD
Description 1 A Single-Phase Silicon Bridge Rectifier Rectifier Reverse Voltage 50 to 1000V

KBJ10005 Datasheet (HTML) - ASEMI TECHNOLOGY., LTD


KBJ10005 Product details

Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
High case dielectric strength of 1500VRMS
Ideal for printed circuit boards
High surge current capability




Similar Part No. - KBJ10005

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
KBJ10005 SMC-KBJ10005 Datasheet
188Kb / 4P
Ideal for printed circuit board
logo
Chongqing Pingwei Enter...
KBJ10005 CHONGQING-KBJ10005 Datasheet
203Kb / 2P
SINGLE PHASE10.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
KBJ10005 DYELEC-KBJ10005 Datasheet
501Kb / 2P
Glass passivated chip junction
logo
DONGGUAN YOU FENG WEI E...
KBJ10005 YFWDIODE-KBJ10005 Datasheet
588Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
KBJ10005 JUXING-KBJ10005 Datasheet
568Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Similar Description - KBJ10005

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
KBP005 GULFSEMI-KBP005 Datasheet
3Mb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:2.0A
logo
Rugao Dachang Electroni...
DB101 DACHANG-DB101 Datasheet
131Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0 A
DB151 DACHANG-DB151 Datasheet
131Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5 A
GBU4A DACHANG-GBU4A Datasheet
155Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 4 A
GBU6A DACHANG-GBU6A Datasheet
155Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 6 A
GBU8A DACHANG-GBU8A Datasheet
155Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 8 A
GBU10A DACHANG-GBU10A Datasheet
155Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 10 A
KBJ8A DACHANG-KBJ8A Datasheet
210Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 8 A
logo
Shanghai Leiditech Elec...
DF154S LEIDITECH-DF154S Datasheet
281Kb / 2P
1.5 A Single-Phase Glass Passivated Bridge Rectifiers Rectifier Reverse Voltage 50 to 1000V
logo
ASEMI TECHNOLOGY., LTD
GBJ1010 ASEMI-GBJ1010 Datasheet
129Kb / 2P
10 A Single-Phase Silicon Bridge Rectifier Rectifier Reverse Voltage 50 to 1000V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com