Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WST2333 Datasheet (PDF) - VBsemi Electronics Co.,Ltd

WST2333 Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # WST2333
Download  WST2333 Download
File Size   527.31 Kbytes
Page   9 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description P-Channel 12-V (D-S) MOSFET

WST2333 Datasheet (PDF)

Go To PDF Page Download Datasheet
WST2333 Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # WST2333
Download  WST2333 Click to download

File Size   527.31 Kbytes
Page   9 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description P-Channel 12-V (D-S) MOSFET

WST2333 Datasheet (HTML) - VBsemi Electronics Co.,Ltd


WST2333 Product details

FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• TrenchFET® Power MOSFET
• 100 % Rg Tested
• Built in ESD Protection with Zener Diode
• Typical ESD Performance: 1800 V
• Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
• Portable Devices
- Load Switch
- Battery Switch
- Charger Switch




Similar Part No. - WST2333

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WST2333 WIINSOK-WST2333 Datasheet
859Kb / 5P
P-Ch MOSFET
More results


Similar Description - WST2333

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
P-Channel 12-V (D-S) MOSFET
05-Aug-02
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
P-Channel 12-V (D-S) MOSFET
21-Mar-05
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
P-Channel 12-V (D-S) MOSFET
23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
P-Channel 12-V (D-S) MOSFET
07-Jul-03
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
P-Channel 12-V (D-S) MOSFET
23-Jun-08
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
P-Channel 12 V (D-S) MOSFET
19-Jul-10
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
P-Channel 12-V (D-S) MOSFET
16-Nov-09
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
P-Channel 12-V (D-S) MOSFET
02-Feb-09
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
P-Channel 12 V (D-S) MOSFET
29-Aug-16
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
P-Channel 12-V (D-S) MOSFET
02-Feb-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com