Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR1680CT Datasheet (PDF) - ASEMI TECHNOLOGY., LTD

MUR1680CT Datasheet PDF - ASEMI TECHNOLOGY., LTD
Part # MUR1680CT
Download  MUR1680CT Download
File Size   282.72 Kbytes
Page   2 Pages
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD
Description 16A super fast recovery diode

MUR1680CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR1680CT Datasheet PDF - ASEMI TECHNOLOGY., LTD

Part # MUR1680CT
Download  MUR1680CT Click to download

File Size   282.72 Kbytes
Page   2 Pages
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD
Description 16A super fast recovery diode

MUR1680CT Datasheet (HTML) - ASEMI TECHNOLOGY., LTD


MUR1680CT Product details

FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Low power loss, high efficiency.
• Low forward voltage, high current capability
• High surge capacity.
• Super fast recovery times, high voltage.
• Epitaxial chip construction.
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)




Similar Part No. - MUR1680CT

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
MUR1680CT JINGHENG-MUR1680CT Datasheet
57Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Thinki Semiconductor Co...
MUR1680CT THINKISEMI-MUR1680CT Datasheet
4Mb / 2P
16.0 Ampere,800Volt Heatsink Common Cathode Ultra Fast Recovery Rectifier
MUR1680CT THINKISEMI-MUR1680CT Datasheet
350Kb / 2P
16.0 Ampere Heatsink Common Cathode Ultra Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
MUR1680CT LUGUANG-MUR1680CT Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 8A*2 FRD Pt
Revision:20170701-P1
logo
Thinki Semiconductor Co...
MUR1680CT THINKISEMI-MUR1680CT Datasheet
273Kb / 2P
16.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
More results


Similar Description - MUR1680CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SF161 DIODES-SF161 Datasheet
56Kb / 2P
16A SUPER-FAST RECOVERY RECTIFIER
DS24006 Rev. E-3
logo
TAITRON Components Inco...
FEP16AT TAITRON-FEP16AT Datasheet
158Kb / 5P
16A Super Fast Recovery Rectifiers
logo
Frontier Electronics.
SFF160-03 FRONTIER-SFF160-03 Datasheet
129Kb / 2P
16A SUPER FAST RECOVERY RECTIFIER
SFF160-03-LFR FRONTIER-SFF160-03-LFR Datasheet
131Kb / 2P
16A SUPER FAST RECOVERY RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
MUR1660AC ASEMI-MUR1660AC Datasheet
279Kb / 2P
16A super fast recovery diode
2018.11 Rev.3.1
MURF1660AC ASEMI-MURF1660AC Datasheet
293Kb / 2P
16A super fast recovery diode
2018.11 Rev.3.1
MURF1660CT ASEMI-MURF1660CT Datasheet
296Kb / 2P
16A super fast recovery diode
2018.11 Rev.3.1
SF1606 ASEMI-SF1606 Datasheet
282Kb / 2P
16A super fast recovery diode
2018.11 Rev.3.1
SFF1606 ASEMI-SFF1606 Datasheet
296Kb / 2P
16A super fast recovery diode
2018.11 Rev.3.1
SFF1606A ASEMI-SFF1606A Datasheet
293Kb / 2P
16A super fast recovery diode
2018.11 Rev.3.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com