Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MURF1060AC Datasheet (PDF) - ASEMI TECHNOLOGY., LTD

MURF1060AC Datasheet PDF - ASEMI TECHNOLOGY., LTD
Part # MURF1060AC
Download  MURF1060AC Download
File Size   280.36 Kbytes
Page   2 Pages
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD
Description 10A super fast recovery diode

MURF1060AC Datasheet (PDF)

Go To PDF Page Download Datasheet
MURF1060AC Datasheet PDF - ASEMI TECHNOLOGY., LTD

Part # MURF1060AC
Download  MURF1060AC Click to download

File Size   280.36 Kbytes
Page   2 Pages
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD
Description 10A super fast recovery diode

MURF1060AC Datasheet (HTML) - ASEMI TECHNOLOGY., LTD


MURF1060AC Product details

FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
Flame Retardant Epoxy Molding Compound
• Low power loss, high efficiency
• Low forward voltage, high current capability
• High surge capacity
• Super fast recovery times, high voltage
• Glass passivation junction
• Lead free in compliance with EU RoHS2.0 (2011/65/EU & 2015/865/EU
directive)
• Green molding compound as per IEC61249 Std. . (Halogen Free)




Similar Part No. - MURF1060AC

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MURF1060ACT THINKISEMI-MURF1060ACT Datasheet
139Kb / 1P
THINKISEMI INSULATED COMMON ANODE ULTRA FAST RECOVERY RECTIFIER DIODES
Edition:20210604-V2
More results


Similar Description - MURF1060AC

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DF10L60 SHINDENGEN-DF10L60 Datasheet
388Kb / 6P
Super Fast Recovery Rectifiers(600V 10A)
DF10LC20U SHINDENGEN-DF10LC20U Datasheet
376Kb / 6P
Super Fast Recovery Rectifiers(200V 10A)
logo
Frontier Electronics.
SFF100-03 FRONTIER-SFF100-03 Datasheet
129Kb / 2P
10A SUPER FAST RECOVERY RECTIFIER
SFF100-03-LFR FRONTIER-SFF100-03-LFR Datasheet
129Kb / 2P
10A SUPER FAST RECOVERY RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
MUR1060CT ASEMI-MUR1060CT Datasheet
278Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
MURF1060CT ASEMI-MURF1060CT Datasheet
467Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
SF1006 ASEMI-SF1006 Datasheet
278Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
SF1006A ASEMI-SF1006A Datasheet
307Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
SFF1006 ASEMI-SFF1006 Datasheet
467Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
SFF1006A ASEMI-SFF1006A Datasheet
280Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com