Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFF806A Datasheet (PDF) - ASEMI TECHNOLOGY., LTD

SFF806A Datasheet PDF - ASEMI TECHNOLOGY., LTD
Part # SFF806A
Download  SFF806A Download
File Size   274.35 Kbytes
Page   2 Pages
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD
Description 8A super fast recovery diode

SFF806A Datasheet (PDF)

Go To PDF Page Download Datasheet
SFF806A Datasheet PDF - ASEMI TECHNOLOGY., LTD

Part # SFF806A
Download  SFF806A Click to download

File Size   274.35 Kbytes
Page   2 Pages
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD
Description 8A super fast recovery diode

SFF806A Datasheet (HTML) - ASEMI TECHNOLOGY., LTD


SFF806A Product details

FEATURES
Superfast recovery times-epitaxial construction.
Low forward voltage, high current capability.
Hermetically sealed.
Low leakage.
High surge capability.
Plastic package has Underwriters Laboratories
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
Lead free in compliance with EU RoHS2.0 (2011/65/EU & 2015/865/EU
directive)
Green molding compound as per IEC61249 Std. . (Halogen Free)




Similar Part No. - SFF806A

ManufacturerPart #DatasheetDescription
logo
Dongguan City Niuhang E...
SFF806 NIUHANG-SFF806 Datasheet
339Kb / 3P
ULTRAFAST SOFT RECOVERY DIODE
logo
SUNMATE electronic Co.,...
SFF806 SUNMATE-SFF806 Datasheet
1Mb / 2P
SUPER FAST RECTIFIERS
logo
Dongguan City Niuhang E...
SFF806F NIUHANG-SFF806F Datasheet
339Kb / 3P
ULTRAFAST SOFT RECOVERY DIODE
More results


Similar Description - SFF806A

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D8L60 SHINDENGEN-D8L60 Datasheet
446Kb / 7P
Super Fast Recovery Rectifiers(600V 8A)
D8LC20UR SHINDENGEN-D8LC20UR Datasheet
444Kb / 7P
Super Fast Recovery Rectifiers(200V 8A)
D8LD20U SHINDENGEN-D8LD20U Datasheet
482Kb / 7P
Super Fast Recovery Rectifiers(200V 8A)
SF8L60 SHINDENGEN-SF8L60 Datasheet
375Kb / 6P
Super Fast Recovery Rectifiers(600V 8A)
logo
Frontier Electronics.
SFF80-03 FRONTIER-SFF80-03 Datasheet
65Kb / 2P
8A SUPER FAST RECOVERY RECTIFIER
SFF80-03CT FRONTIER-SFF80-03CT Datasheet
65Kb / 2P
8A DUAL SUPER FAST RECOVERY RECTIFIER
SFF80-03-LFR FRONTIER-SFF80-03-LFR Datasheet
130Kb / 2P
8A SUPER FAST RECOVERY RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
MUR860AC ASEMI-MUR860AC Datasheet
292Kb / 2P
8A super fast recovery diode
2018.11 Rev.3.1
MURF860AC ASEMI-MURF860AC Datasheet
274Kb / 2P
8A super fast recovery diode
2018.11 Rev.3.1
SF806A ASEMI-SF806A Datasheet
292Kb / 2P
8A super fast recovery diode
2018.11 Rev.3.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com