Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFP6006 Datasheet (PDF) - ASEMI TECHNOLOGY., LTD

SFP6006 Datasheet PDF - ASEMI TECHNOLOGY., LTD
Part # SFP6006
Download  SFP6006 Download
File Size   454.23 Kbytes
Page   5 Pages
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD
Description 60A super fast recovery diode

SFP6006 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFP6006 Datasheet PDF - ASEMI TECHNOLOGY., LTD

Part # SFP6006
Download  SFP6006 Click to download

File Size   454.23 Kbytes
Page   5 Pages
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD
Description 60A super fast recovery diode

SFP6006 Datasheet (HTML) - ASEMI TECHNOLOGY., LTD


SFP6006 Product details

Features
 Low forward voltage drop
 Fast switching for high efficiency
 High current capability
 High surge current capability
 Low reverse leakage current
Application
 Automotive Inverters and Solar Inverters
 Plating Power Supply,Motor Control,SMPS and UPS
 Car Audio Amplifiers and Sound Device Systems




Similar Part No. - SFP6006

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
SFP60N03L SEMIWELL-SFP60N03L Datasheet
997Kb / 7P
Logic N-Channel MOSFET
More results


Similar Description - SFP6006

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DF10LC30 SHINDENGEN-DF10LC30 Datasheet
558Kb / 2P
Super Fast Recovery Diode
M2FL20U SHINDENGEN-M2FL20U Datasheet
605Kb / 2P
Super Fast Recovery Diode
logo
Rohm
RFU20TM5S ROHM-RFU20TM5S_11 Datasheet
1,019Kb / 4P
Super Fast Recovery Diode
RFUS20TM4S ROHM-RFUS20TM4S_11 Datasheet
993Kb / 4P
Super Fast Recovery Diode
logo
Vishay Siliconix
VS-60.PF1.PBF VISHAY-VS-60.PF1.PBF Datasheet
197Kb / 7P
Fast Soft Recovery Rectifier Diode, 60A
20-Oct-11
logo
Rohm
RF2L6STE25 ROHM-RF2L6STE25 Datasheet
358Kb / 4P
Super Fast Recovery Diode
logo
Renesas Technology Corp
RJU60C3WDPP-M0 RENESAS-RJU60C3WDPP-M0 Datasheet
65Kb / 4P
600V - 60A - Dual Diode Fast Recovery Diode
RJU60C3WDPP-M0 RENESAS-RJU60C3WDPP-M0_15 Datasheet
65Kb / 4P
600V - 60A - Dual Diode Fast Recovery Diode
logo
KIA Semiconductor Techn...
60TB30 KIA-60TB30 Datasheet
196Kb / 3P
FAST RECOVERY DIODE 60A竊?00V
logo
Rohm
MH2107WZ ROHM-MH2107WZ Datasheet
233Kb / 3P
650V 60A Fast Recovery Diode
2019.08 - Rev.A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com