Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLR8726TR Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

IRLR8726TR Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # IRLR8726TR
Download  IRLR8726TR Download
File Size   474.45 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description N-Channel MOSFET

IRLR8726TR Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLR8726TR Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRLR8726TR
Download  IRLR8726TR Click to download

File Size   474.45 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description N-Channel MOSFET

IRLR8726TR Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


IRLR8726TR Product details

Features
VDS (V)=30V
RDS(ON) 5.8m (VGS = 10V)
RDS(ON) 8 m (VGS = 4.5V)

Applications
High Frequency Synchronous Buck
Converters for Computer Processor Power
High Frequency Isolated DC-DC
Converters with Synchronous Rectification
for Telecom and Industrial Use




Similar Part No. - IRLR8726TR

ManufacturerPart #DatasheetDescription
logo
EVER SEMICONDUCTOR CO.,...
IRLR8726TR EVVOSEMI-IRLR8726TR Datasheet
479Kb / 7P
N-Channel MOSFET
Rev:2023A2
logo
International Rectifier
IRLR8726TRPBF IRF-IRLR8726TRPBF Datasheet
341Kb / 11P
HEXFET Power MOSFET
IRLR8726TRPBF IRF-IRLR8726TRPBF Datasheet
360Kb / 11P
HEXFET Power MOSFET
logo
Infineon Technologies A...
IRLR8726TRPBF INFINEON-IRLR8726TRPBF Datasheet
360Kb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
11/23/09
More results


Similar Description - IRLR8726TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com