Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7812CD2T Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

L7812CD2T Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # L7812CD2T
Download  L7812CD2T Download
File Size   1156.02 Kbytes
Page   11 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Three-terminal positive voltage regulator

L7812CD2T Datasheet (PDF)

Go To PDF Page Download Datasheet
L7812CD2T Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # L7812CD2T
Download  L7812CD2T Click to download

File Size   1156.02 Kbytes
Page   11 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Three-terminal positive voltage regulator

L7812CD2T Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


L7812CD2T Product details

Three-terminal positive voltage regulator
OUTPUT CURRENT TO 1.2A
OUTPUT VOLTAGES OF 5;6;8;9; 12V ;15V ;
THERMAL OVERLOAD PROTECTION
SHORT CIRCUIT PROTECTION
OUTPUT TRANSITION SOA PROTECTION




Similar Part No. - L7812CD2T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7812CD2T STMICROELECTRONICS-L7812CD2T Datasheet
1Mb / 34P
POSITIVE VOLTAGE REGULATORS
09-Nov-2004
L7812CD2T-TR STMICROELECTRONICS-L7812CD2T-TR Datasheet
1Mb / 34P
POSITIVE VOLTAGE REGULATORS
09-Nov-2004
L7812CD2T-TR STMICROELECTRONICS-L7812CD2T-TR Datasheet
1Mb / 52P
Positive voltage regulators
29-Aug-2007
L7812CD2T-TR STMICROELECTRONICS-L7812CD2T-TR Datasheet
1Mb / 56P
Positive voltage regulators
18-Mar-2008
L7812CD2T-TR STMICROELECTRONICS-L7812CD2T-TR Datasheet
2Mb / 57P
Positive voltage regulator ICs
12-Mar-2013
More results


Similar Description - L7812CD2T

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
LM78L10 KEXIN-LM78L10 Datasheet
55Kb / 2P
Three-Terminal Positive Voltage Regulator
LM78L05 KEXIN-LM78L05 Datasheet
55Kb / 2P
Three-Terminal Positive Voltage Regulator
78M12 KEXIN-78M12 Datasheet
179Kb / 1P
Three-terminal Positive Voltage Regulator
LM78M06 KEXIN-LM78M06 Datasheet
54Kb / 2P
Three-Terminal Positive Voltage Regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ7815 WINNERJOIN-WEJ7815 Datasheet
162Kb / 1P
Three-terminal positive voltage regulator
WEJ78M05-TO-252 WINNERJOIN-WEJ78M05-TO-252 Datasheet
80Kb / 1P
Three-terminal positive voltage regulator
WEJ78L15-TO-92 WINNERJOIN-WEJ78L15-TO-92 Datasheet
164Kb / 1P
Three-terminal positive voltage regulator
WEJ78L06-TO-92 WINNERJOIN-WEJ78L06-TO-92 Datasheet
142Kb / 1P
Three-terminal positive voltage regulator
logo
Shenzhen Luguang Electr...
LGE78D05 LUGUANG-LGE78D05 Datasheet
263Kb / 2P
Three-terminal positive voltage regulator
78L05 LUGUANG-78L05 Datasheet
307Kb / 3P
Three-terminal positive voltage regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com