Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM217LD Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

LM217LD Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # LM217LD
Download  LM217LD Download
File Size   742.41 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description This monolithic integrated circuit is an adjustable 3-terminal

LM217LD Datasheet (PDF)

Go To PDF Page Download Datasheet
LM217LD Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM217LD
Download  LM217LD Click to download

File Size   742.41 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description This monolithic integrated circuit is an adjustable 3-terminal

LM217LD Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


LM217LD Product details

DESCRIPTION
This monolithic integrated circuit is an adjustable 3-terminal
positive voltage regulator designed to supply more than 0.1A
of load current with an output voltage adjustable over a 1.2
to 37V. It employs internal current limiting , thermal shut-down
and safe area compensation.

FEATURE
Internal thermal overload protection
Internal short circuit current limiting
Output transistor safe operating area compensation




Similar Part No. - LM217LD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM217LD STMICROELECTRONICS-LM217LD Datasheet
130Kb / 8P
LOW CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM217LD STMICROELECTRONICS-LM217LD Datasheet
250Kb / 10P
LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
LM217LD STMICROELECTRONICS-LM217LD Datasheet
536Kb / 13P
LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
23-Dec-2005
LM217LD13TR STMICROELECTRONICS-LM217LD13TR Datasheet
290Kb / 18P
Low current 1.2 to 37V adjustable voltage regulator
18-May-2007
LM217LD13TR STMICROELECTRONICS-LM217LD13TR Datasheet
683Kb / 23P
Low current 1.2 to 37 V adjustable voltage regulators
20-May-2014
More results


Similar Description - LM217LD

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1900 NTE-NTE1900 Datasheet
24Kb / 2P
Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
NTE1927 NTE-NTE1927 Datasheet
30Kb / 3P
Integrated Circuit 4-Terminal Negative Adjustable Voltage Regulator
NTE935 NTE-NTE935 Datasheet
24Kb / 2P
Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1.2V to 32V, 5A
NTE956 NTE-NTE956 Datasheet
22Kb / 2P
Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
NTE957 NTE-NTE957 Datasheet
24Kb / 2P
Integrated Circuit 3-Terminal Adjustable Negative Voltage Regulator
logo
KEC(Korea Electronics)
KIA317P KEC-KIA317P Datasheet
664Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT (3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR)
logo
Nanjing International G...
ESDPSA0603V05 DGNJDZ-ESDPSA0603V05 Datasheet
1Mb / 5P
this device is an ultra low capacitance
logo
Shenzhen Huazhimei Semi...
HM8022C HMSEMI-HM8022C Datasheet
576Kb / 8P
touch sensing IC is an integrated circuit
logo
Guangdong Youtai Semico...
LM217MDT UMW-LM217MDT Datasheet
679Kb / 6P
This monolithic integrated circuit is an adjustable 3-terminal
LM317 UMW-LM317 Datasheet
1Mb / 7P
This monolithic integrated circuit is an adjustable 3-terminal
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com