Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOC3020 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

MOC3020 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # MOC3020
Download  MOC3020 Download
File Size   1367.94 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Random Phase Triac Driven Optocoupler

MOC3020 Datasheet (PDF)

Go To PDF Page Download Datasheet
MOC3020 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # MOC3020
Download  MOC3020 Click to download

File Size   1367.94 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Random Phase Triac Driven Optocoupler

MOC3020 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


MOC3020 Product details

Features
Peak breakdown voltage 400V
High isolation voltage between input and output (Viso=5000 Vrms)
Compact dual in-line package
Lead-free, RoHS compliant
UL approved: UL1577, file No. E4924403. Typical applications
Solenoid valve control
ballast
Static AC power switch
Microprocessor 115 to 240VAC peripheral interface
Incandescent lamp dimmer
temperature control
motor control




Similar Part No. - MOC3020

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC3020 MOTOROLA-MOC3020 Datasheet
299Kb / 6P
6-Pin DIP Random-Phase Optoisolators Triac Driver Output
logo
Texas Instruments
MOC3020 TI-MOC3020 Datasheet
132Kb / 7P
OPTOCOUPLERS/OPTOISOLATORS
logo
QT Optoelectronics
MOC3020 QT-MOC3020 Datasheet
307Kb / 3P
non-zero-crossing triacs
logo
ISOCOM COMPONENTS
MOC3020 ISOCOM-MOC3020 Datasheet
67Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
Lite-On Technology Corp...
MOC3020 LITEON-MOC3020 Datasheet
266Kb / 8P
6pin DIP photocoupler, triac driver output
More results


Similar Description - MOC3020

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
MOC3020M UMW-MOC3020M Datasheet
1Mb / 6P
Random Phase Triac Driven Optocoupler
MOC3021M UMW-MOC3021M Datasheet
1Mb / 6P
Random Phase Triac Driven Optocoupler
MOC3021SM UMW-MOC3021SM Datasheet
1Mb / 6P
Random Phase Triac Driven Optocoupler
MOC3022M UMW-MOC3022M Datasheet
1Mb / 6P
Random Phase Triac Driven Optocoupler
MOC3022SM UMW-MOC3022SM Datasheet
1Mb / 6P
Random Phase Triac Driven Optocoupler
MOC3023M UMW-MOC3023M Datasheet
1Mb / 6P
Random Phase Triac Driven Optocoupler
MOC3023SM UMW-MOC3023SM Datasheet
1Mb / 6P
Random Phase Triac Driven Optocoupler
MOC3051M UMW-MOC3051M Datasheet
1Mb / 6P
Random Phase Triac Driven Optocoupler
MOC3052SM UMW-MOC3052SM Datasheet
1Mb / 6P
Random Phase Triac Driven Optocoupler
MOC3053M UMW-MOC3053M Datasheet
1Mb / 6P
Random Phase Triac Driven Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com