Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE555DR Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

NE555DR Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # NE555DR
Download  NE555DR Download
File Size   409.36 Kbytes
Page   17 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description NE555 Precision Timers

NE555DR Datasheet (PDF)

Go To PDF Page Download Datasheet
NE555DR Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # NE555DR
Download  NE555DR Click to download

File Size   409.36 Kbytes
Page   17 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description NE555 Precision Timers

NE555DR Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


NE555DR Product details

Features
Timing From Microseconds to Hours
Astable or Monostable Operation
Adjustable Duty Cycle
TTL-Compatible Output Can Sink or Source
Up to 200 mA
On Products Compliant to MIL-PRF-38535,
All Parameters Are Tested Unless Otherwise
Noted. On All Other Products, Production
Processing
Does Not Necessarily Include
Testing of All Parameters.

3 Description
These devices are precision timing circuits capable of
producing accurate time delays or oscillation. In the time-delay or mono-stable mode of operation, the
timed interval is controlled by a single external
resistor and capacitor network. In the a-stable mode
of operation, the frequency and duty cycle can be
controlled independently with two external resistors and a single external capacitor.
The threshold and trigger levels normally are twoProcessing
thirds and one-third, respectively, of VCC. These
levels can be altered by use of the control-voltage
terminal. When the trigger input falls below the trigger
level, the flip-flop is set, and the output goes high. If the trigger input is above the trigger level and the
threshold input is above the threshold level, the flip•
flop is reset and the output is low. The reset (RESET)
input can override all other inputs and can be used to initiate a new timing cycle. When RESET goes low,
the flip-flop is reset, and the output goes low. When
the output is low, a low-impedance path is provided
between discharge (DISCH) and ground.
The output circuit is capable of sinking or sourcing
current up to 200 mA. Operation is specified for
supplies of 5 V to 15 V. With a 5-V supply, output
levels are compatible with TTL inputs.




Similar Part No. - NE555DR

ManufacturerPart #DatasheetDescription
logo
NEC
NE555DR NEC-NE555DR Datasheet
26Kb / 1P
PRECISION TIMERS
logo
Texas Instruments
NE555DR TI-NE555DR Datasheet
405Kb / 24P
PRECISION TIMERS
NE555DR TI-NE555DR Datasheet
559Kb / 27P
PRECISION TIMERS
NE555DR TI-NE555DR Datasheet
625Kb / 27P
PRECISION TIMERS
NE555DR TI-NE555DR Datasheet
713Kb / 29P
PRCISION TIMERS
More results


Similar Description - NE555DR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
Precision Timers
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
Precision Timers
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
PRECISION TIMERS
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
PRECISION TIMERS
NA555 TI-NA555_08 Datasheet
625Kb / 27P
PRECISION TIMERS
logo
ON Semiconductor
MC1455 ONSEMI-MC1455_09 Datasheet
223Kb / 11P
Timers Direct Replacement for NE555 Timers Adjustable Duty Cycle
December, 2009 ??Rev. 10
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
PRECISION TIMERS
Rev 4
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
PRECISION TIMERS
Rev 4
logo
Unisonic Technologies
USA555 UTC-USA555 Datasheet
316Kb / 8P
PRECISION TIMERS
logo
Texas Instruments
NA555 TI1-NA555_14 Datasheet
1Mb / 36P
Precision Timers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com