Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC0618 Datasheet (PDF) - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

MC0618 Datasheet PDF - GUANGDONG MISUN TECHNOLOGY CO.,LTD.
Part # MC0618
Download  MC0618 Download
File Size   251.97 Kbytes
Page   3 Pages
Manufacturer  FPE [GUANGDONG MISUN TECHNOLOGY CO.,LTD.]
Direct Link  http://www.fpe.com.cn
Logo FPE - GUANGDONG MISUN TECHNOLOGY CO.,LTD.
Description COMPOSITE FORMING SMDINDUCTORS

MC0618 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC0618 Datasheet PDF - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

Part # MC0618
Download  MC0618 Click to download

File Size   251.97 Kbytes
Page   3 Pages
Manufacturer  FPE [GUANGDONG MISUN TECHNOLOGY CO.,LTD.]
Direct Link  http://www.fpe.com.cn
Logo FPE - GUANGDONG MISUN TECHNOLOGY CO.,LTD.
Description COMPOSITE FORMING SMDINDUCTORS

MC0618 Datasheet (HTML) - GUANGDONG MISUN TECHNOLOGY CO.,LTD.


MC0618 Product details

Features:
Large Current and Low DCR.
Magnetically shielded construction.
High frequency range up to 1.0 MHz.
RoHS compliant* and halogen free.
Low noise.
Operating temperature range: -40℃ TO +125℃




Similar Part No. - MC0618

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
MC0618-10 FAIRVIEW-MC0618-10 Datasheet
511Kb / 3P
SMA Directional Coupler 10 dB Coupled Port From 6 GHz to 18 GHz Rated To 50 Watts
REV 3.0
MC0618-20 FAIRVIEW-MC0618-20 Datasheet
508Kb / 3P
SMA Directional Coupler 20 dB Coupled Port From 6 GHz to 18 GHz Rated To 50 Watts
REV 3.0
More results


Similar Description - MC0618

ManufacturerPart #DatasheetDescription
logo
GUANGDONG MISUN TECHNOL...
MA1030-1 FPE-MA1030-1 Datasheet
260Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MA1040-1 FPE-MA1040-1 Datasheet
279Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0420 FPE-MC0420 Datasheet
274Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0518 FPE-MC0518 Datasheet
271Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0624 FPE-MC0624 Datasheet
251Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0640 FPE-MC0640 Datasheet
237Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0650 FPE-MC0650 Datasheet
290Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC1030 FPE-MC1030 Datasheet
254Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC1050 FPE-MC1050 Datasheet
276Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MA0630-1 FPE-MA0630-1 Datasheet
238Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com