Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9956 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

IRF9956 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # IRF9956
Download  IRF9956 Download
File Size   475.86 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 30V 2N-Channel MOSFET

IRF9956 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF9956 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRF9956
Download  IRF9956 Click to download

File Size   475.86 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 30V 2N-Channel MOSFET

IRF9956 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


IRF9956 Product details

Features
Generation V Technology
Ultra Low On-Resistance
Surface Mount
Very Low Gate Charge and Switching Losses
Fully Avalanche Rated
Lead-Free
VDS (V) =30V
ID = 2.2A (VGS = -10V)
RDS(ON) < 100mΩ(VGS=-10V)
RDS(ON) < 200 mΩ(VGS=-4.5V)




Similar Part No. - IRF9956

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9956 IRF-IRF9956 Datasheet
107Kb / 7P
Power MOSFET(Vdss=30V, Rds(on)=0.10ohm)
IRF9956PBF IRF-IRF9956PBF Datasheet
169Kb / 7P
HEXFET Power MOSFET
IRF9956PBF IRF-IRF9956PBF Datasheet
175Kb / 7P
ULTRA LOW ON TESISTANCE
IRF9956PBF IRF-IRF9956PBF_15 Datasheet
175Kb / 7P
ULTRA LOW ON TESISTANCE
IRF9956TRPBF IRF-IRF9956TRPBF Datasheet
175Kb / 7P
ULTRA LOW ON TESISTANCE
More results


Similar Description - IRF9956

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AF9902M ANACHIP-AF9902M Datasheet
799Kb / 8P
2N and 2P-Channel Enhancement Mode Power MOSFET
Rev. 1.0 Sep 22, 2005
AF9903M ANACHIP-AF9903M Datasheet
799Kb / 8P
2N and 2P-Channel Enhancement Mode Power MOSFET
Rev. 1.0 Sep 22, 2005
logo
Advanced Power Electron...
AP9930M A-POWER-AP9930M Datasheet
102Kb / 7P
2N AND 2P-CHANNEL ENHANCEMENT
AP9930GM A-POWER-AP9930GM Datasheet
95Kb / 7P
2N AND 2P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP9934GM A-POWER-AP9934GM Datasheet
96Kb / 7P
2N AND 2P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
International Rectifier
IRFG5210 IRF-IRFG5210 Datasheet
191Kb / 12P
200V, Combination 2N-2P-CHANNEL HEXFET MOSFET TECHNOLOGY
logo
Silicon Standard Corp.
SSM9934GM SSC-SSM9934GM Datasheet
263Kb / 8P
2N AND 2P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTC9930Q8 CYSTEKEC-MTC9930Q8 Datasheet
483Kb / 12P
2N- and 2P-Channel Enhancement Mode MOSFET
logo
Guangdong Youtai Semico...
IRF7311TR UMW-IRF7311TR Datasheet
2Mb / 6P
30V 2N-Channel Enhancement Mode MOSFET
IRF8313TR UMW-IRF8313TR Datasheet
2Mb / 6P
30V 2N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com