Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS4410Z Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

IRFS4410Z Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # IRFS4410Z
Download  IRFS4410Z Download
File Size   531.62 Kbytes
Page   9 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 100 V N-Channel MOSFET

IRFS4410Z Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFS4410Z Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRFS4410Z
Download  IRFS4410Z Click to download

File Size   531.62 Kbytes
Page   9 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 100 V N-Channel MOSFET

IRFS4410Z Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


IRFS4410Z Product details

Benefits
* Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
* Fully Characterized Capacitance and Avalanche
SOA
* Enhanced body diode dV/dt and dI/dt Capability
* Lead-Free
* RoHS Compliant, Halogen-Free
* VDS =100V
* ID(at VGS=10V)=97A
* RDS(ON) (at VGS=10V) < 9mΩ




Similar Part No. - IRFS4410Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFS4410Z ISC-IRFS4410Z Datasheet
189Kb / 2P
Isc N-Channel MOSFET Transistor
logo
TECH PUBLIC Electronics...
IRFS4410Z-TP TECHPUBLIC-IRFS4410Z-TP Datasheet
2Mb / 4P
N-Channel Power MOSFET
logo
International Rectifier
IRFS4410ZPBF IRF-IRFS4410ZPBF Datasheet
839Kb / 11P
HEXFET Power MOSFET
More results


Similar Description - IRFS4410Z

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4494M ACE-ACE4494M Datasheet
477Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
ACE2372M ACE-ACE2372M Datasheet
538Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
ACE4010M ACE-ACE4010M Datasheet
541Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
ACE4490M ACE-ACE4490M Datasheet
486Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
ACE18010M04N ACE-ACE18010M04N Datasheet
703Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
ACE6010M70N ACE-ACE6010M70N Datasheet
691Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
logo
Guangdong Youtai Semico...
045N10A UMW-045N10A Datasheet
1Mb / 7P
100 V N-Channel MOSFET
065N10N UMW-065N10N Datasheet
884Kb / 9P
100 V N-Channel MOSFET
45N10N3G UMW-45N10N3G Datasheet
1Mb / 9P
100 V N-Channel MOSFET
IRFB4110 UMW-IRFB4110 Datasheet
843Kb / 9P
100 V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com