Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLML2246 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

IRLML2246 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # IRLML2246
Download  IRLML2246 Download
File Size   406.31 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description System/Load Switch

IRLML2246 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLML2246 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRLML2246
Download  IRLML2246 Click to download

File Size   406.31 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description System/Load Switch

IRLML2246 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


IRLML2246 Product details

Features
*Industry-standard pinout
*Compatible with existing Surface Mount Techniques
*RoHS compliant
* VDS (V) = -20V
* ID= 2A
* RDS(ON) < 135m (VGS =-4.5V)
* RDS(ON) < 236m (VGS =-2.5V)

Benefits
Multi-vendor compatibility
Easier manufacturing
Environmentally friendly
Increased reliability




Similar Part No. - IRLML2246

ManufacturerPart #DatasheetDescription
logo
EVER SEMICONDUCTOR CO.,...
IRLML2246 EVVOSEMI-IRLML2246 Datasheet
398Kb / 8P
MOSFET
Rev:2023A2
logo
International Rectifier
IRLML2246PBF IRF-IRLML2246PBF Datasheet
202Kb / 10P
Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1 Datasheet
204Kb / 9P
Compatible with Existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
Compatible with Existing Surface Mount Techniques
IRLML2246PBF IRF-IRLML2246PBF_15 Datasheet
202Kb / 10P
Compatible with existing Surface Mount Techniques
More results


Similar Description - IRLML2246

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFML8244PBF IRF-IRFML8244PBF Datasheet
202Kb / 10P
Load/ System Switch
IRLML0060PBF IRF-IRLML0060PBF Datasheet
205Kb / 10P
HEXFETPower MOSFET Load/ System Switch
IRLML2030PBF IRF-IRLML2030PBF Datasheet
272Kb / 10P
HEXFETPower MOSFET Load/ System Switch
IRLML2060PBF IRF-IRLML2060PBF Datasheet
205Kb / 10P
HEXFETPower MOSFET Load/ System Switch
IRFHM93312PBF IRF-IRFHM93312PBF Datasheet
236Kb / 8P
System/load switch
logo
Shenzhen Guan Hua Wei Y...
WSD20100DN56 WIINSOK-WSD20100DN56 Datasheet
2Mb / 5P
Load Switch Power System
logo
Guangdong Youtai Semico...
IRLML2030TR UMW-IRLML2030TR Datasheet
590Kb / 8P
Load/ System Switch
IRLML2060TR UMW-IRLML2060TR Datasheet
576Kb / 8P
Load/ System Switch
IRLML2244TR UMW-IRLML2244TR Datasheet
513Kb / 8P
System/Load Switch
IRLML6344TR UMW-IRLML6344TR Datasheet
442Kb / 8P
Load/ System Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com