Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLML6302 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

IRLML6302 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # IRLML6302
Download  IRLML6302 Download
File Size   464.54 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Switching

IRLML6302 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLML6302 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRLML6302
Download  IRLML6302 Click to download

File Size   464.54 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Switching

IRLML6302 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


IRLML6302 Product details

Features
* P-Channel MOSFET
* SOT-23 Footprint
* Available in Tape and Reel Fast
* Switching
* Lead-Free
* VDS (V) = -20V
* RDS(ON) < 90m (VGS =- 4.5V)
* RDS(ON) < 110m (VGS =-2.7V)




Similar Part No. - IRLML6302

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML6302 IRF-IRLML6302 Datasheet
81Kb / 8P
HEXFET Power MOSFET
IRLML6302 IRF-IRLML6302 Datasheet
256Kb / 8P
HEXFET Power MOSFET
logo
GUANGDONG HOTTECH INDUS...
IRLML6302 HOTTECH-IRLML6302 Datasheet
558Kb / 4P
P-Channel MOSFET
logo
Inchange Semiconductor ...
IRLML6302 ISC-IRLML6302 Datasheet
259Kb / 2P
Isc P-Channel MOSFET Transistor
logo
EVER SEMICONDUCTOR CO.,...
IRLML6302 EVVOSEMI-IRLML6302 Datasheet
401Kb / 6P
MOSFET
Rev:2023A2
More results


Similar Description - IRLML6302

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8M10 ROHM-SP8M10 Datasheet
76Kb / 6P
Switching
SP8M8 ROHM-SP8M8 Datasheet
76Kb / 6P
Switching
SP8M7 ROHM-SP8M7 Datasheet
76Kb / 6P
Switching
SP8M9 ROHM-SP8M9 Datasheet
77Kb / 6P
Switching
SP8M3 ROHM-SP8M3 Datasheet
107Kb / 6P
Switching
SP8M4 ROHM-SP8M4 Datasheet
104Kb / 6P
Switching
RK4936 ROHM-RK4936 Datasheet
44Kb / 4P
Switching
logo
Guangdong Kexin Industr...
KP8M3 KEXIN-KP8M3 Datasheet
52Kb / 2P
Switching
KP8M8 KEXIN-KP8M8 Datasheet
52Kb / 2P
Switching
KP8M4 KEXIN-KP8M4 Datasheet
52Kb / 2P
Switching
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com