Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4.0SMF Datasheet (PDF) - UN Semiconducctor INC

4.0SMF Datasheet PDF - UN Semiconducctor INC
Part # 4.0SMF
Download  4.0SMF Download
File Size   3273.35 Kbytes
Page   6 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 3.3 To 48V 400W Surface Mount Transient Voltage Suppressors (TVS)

4.0SMF Datasheet (PDF)

Go To PDF Page Download Datasheet
4.0SMF Datasheet PDF - UN Semiconducctor INC

Part # 4.0SMF
Download  4.0SMF Click to download

File Size   3273.35 Kbytes
Page   6 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 3.3 To 48V 400W Surface Mount Transient Voltage Suppressors (TVS)

4.0SMF Datasheet (HTML) - UN Semiconducctor INC


4.0SMF Product details

Features
Glass passivated chip
400W peak pulse power capability with a 10/1000us waveform
Repetitive rate (duty cycle):0.01%
Typical IR less than 1μA above 10V
Excellent clamping capability
Very fast response time
High temperature soldering: 260℃/10s at terminals.
Meet AEC-Q101 requirement
RoHS compliant




Similar Part No. - 4.0SMF

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
4.0SMF3.3A UNSEMI-4.0SMF3.3A Datasheet
2Mb / 4P
3.3A 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results


Similar Description - 4.0SMF

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ Datasheet
65Kb / 5P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Weitron Technology
SMAJ5.0A WEITRON-SMAJ5.0A Datasheet
98Kb / 4P
400W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
4.0SMF3.3A UNSEMI-4.0SMF3.3A Datasheet
2Mb / 4P
3.3A 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
TPSMA UNSEMI-TPSMA Datasheet
2Mb / 6P
12 To 100V 400W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
P4SMA UNSEMI-P4SMA Datasheet
3Mb / 7P
6.8 To 600V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
SMAJ-AT UNSEMI-SMAJ-AT Datasheet
3Mb / 7P
400W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMAJ UNSEMI-SMAJ Datasheet
3Mb / 8P
3.3 To 440V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
SMAJ3V3A UNSEMI-SMAJ3V3A Datasheet
2Mb / 4P
400W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMBJ UNSEMI-SMBJ Datasheet
4Mb / 8P
3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
SMF UNSEMI-SMF Datasheet
3Mb / 7P
3.3 To 190V 200W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com