Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8KP Datasheet (PDF) - UN Semiconducctor INC

8KP Datasheet PDF - UN Semiconducctor INC
Part # 8KP
Download  8KP Download
File Size   3339.65 Kbytes
Page   6 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 8000W Surface Mount Transient Voltage Suppressors

8KP Datasheet (PDF)

Go To PDF Page Download Datasheet
8KP Datasheet PDF - UN Semiconducctor INC

Part # 8KP
Download  8KP Click to download

File Size   3339.65 Kbytes
Page   6 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 8000W Surface Mount Transient Voltage Suppressors

8KP Datasheet (HTML) - UN Semiconducctor INC


8KP Product details

Glass passivated chip
8000W Peak power capability at 10 × 1000μs waveform Repetition
rate (duty cycle):0.01%
Low leakage
Uni and Bidirectional unit
Excellent clamping capability
Very fast response time
RoHS compliant
Features




Similar Part No. - 8KP

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
8KP SEMITECH-8KP Datasheet
484Kb / 4P
Excellent clamping capability
logo
Shanghai Yint Electroni...
8KP YINT-8KP Datasheet
675Kb / 4P
Transient Voltage Suppression Diodes
logo
Shanghai Semitech Semic...
8KP100A SEMITECH-8KP100A Datasheet
484Kb / 4P
Excellent clamping capability
logo
DONGGUAN YOU FENG WEI E...
8KP100A YFWDIODE-8KP100A Datasheet
623Kb / 5P
8000W Axial Leaded Transient Voltage Suppressors
logo
Shanghai Semitech Semic...
8KP100CA SEMITECH-8KP100CA Datasheet
484Kb / 4P
Excellent clamping capability
More results


Similar Description - 8KP

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4SMA DGNJDZ-P4SMA Datasheet
100Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
P6SMB DGNJDZ-P6SMB Datasheet
99Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ DGNJDZ-SMBJ Datasheet
290Kb / 6P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ DGNJDZ-SMCJ Datasheet
268Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
8KP20A HUAXINAN-8KP20A Datasheet
197Kb / 2P
8000W Transient Voltage Suppressors
logo
DONGGUAN YOU FENG WEI E...
8KP17A YFWDIODE-8KP17A Datasheet
623Kb / 5P
8000W Axial Leaded Transient Voltage Suppressors
logo
UN Semiconducctor INC
8.0SMDJ UNSEMI-8.0SMDJ Datasheet
2Mb / 5P
22 To 36V 8000W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com