Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5.0SMDJ120 Datasheet (PDF) - UN Semiconducctor INC

5.0SMDJ120 Datasheet PDF - UN Semiconducctor INC
Part # 5.0SMDJ120
Download  5.0SMDJ120 Download
File Size   4205.75 Kbytes
Page   8 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 11 To 440V 5000W Surface Mount Transient Voltage Suppressors (TVS)

5.0SMDJ120 Datasheet (PDF)

Go To PDF Page Download Datasheet
5.0SMDJ120 Datasheet PDF - UN Semiconducctor INC

Part # 5.0SMDJ120
Download  5.0SMDJ120 Click to download

File Size   4205.75 Kbytes
Page   8 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 11 To 440V 5000W Surface Mount Transient Voltage Suppressors (TVS)

5.0SMDJ120 Datasheet (HTML) - UN Semiconducctor INC


5.0SMDJ120 Product details

For surface mounted applications in order to optimize board space
Low leakage
Uni and Bidirectional unit
Glass passivated junction
Low inductance
Excellent clamping capability
5000W Peak power capability at 10 × 1000μs waveform Repetition
rate (duty cycle):0.01%
Fast response time: typically less than 1.0ps from 0 Volts to VBR min
Typical IR less than 5μA above 19V.
High Temperature soldering: 260°C/40 seconds at terminals
Typical maximum temperature coefficient ΔVBR = 0.1% ×VBR@25°C× ΔT
Plastic package has Underwriters Laboratory Flammability 94V-0
Matte tin lead–free Plated
Halogen free and RoHS compliant
Typical failure mode is short from over-specified voltage or current
Whisker test is conducted based on JEDEC JESD201A per its table 4a and 4c
IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact)
ESD protection of data lines in accordance with IEC 61000-4-2 (IEC801-2)
EFT protection of data lines in accordance with IEC 61000-4-4 (IEC801-4)
Features




Similar Part No. - 5.0SMDJ120

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
5.0SMDJ120 SOCAY-5.0SMDJ120 Datasheet
3Mb / 56P
Surface Mount Transient Voltage Suppressors (TVS)
5.0SMDJ120 SOCAY-5.0SMDJ120 Datasheet
457Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
logo
Goodwork Semiconductor ...
5.0SMDJ120 GWSEMI-5.0SMDJ120 Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
PACELEADER INDUSTRIAL
5.0SMDJ120 PACELEADER-5.0SMDJ120 Datasheet
345Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
5.0SMDJ120 DCCOM-5.0SMDJ120 Datasheet
61Kb / 4P
RECTIFIER SPECIALISTS
More results


Similar Description - 5.0SMDJ120

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
5KP5.0 YFWDIODE-5KP5.0 Datasheet
79Kb / 4P
5000W Transient Voltage Suppressors
logo
Zibo Seno Electronic En...
5KP ZSELEC-5KP Datasheet
231Kb / 5P
5000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytesonic Electronics C...
5.0SMDJ BYTESONIC-5.0SMDJ Datasheet
848Kb / 4P
5000W Surface Mount Transient Voltage Suppressors
Version 1.2 2019/07/26
logo
UN Semiconducctor INC
5.0SMDJ-AT UNSEMI-5.0SMDJ-AT Datasheet
2Mb / 5P
5000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
5KP UNSEMI-5KP Datasheet
4Mb / 8P
5.0 To 440V 5000W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
TP5.0SMDJ UNSEMI-TP5.0SMDJ Datasheet
2Mb / 6P
10 To 58V 5000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMAJ UNSEMI-SMAJ Datasheet
3Mb / 8P
3.3 To 440V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
SMBJ UNSEMI-SMBJ Datasheet
4Mb / 8P
3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
SMCJ UNSEMI-SMCJ Datasheet
4Mb / 8P
5.0 To 440V 1500W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
SMDJ UNSEMI-SMDJ Datasheet
4Mb / 8P
5.0 To 440V 3000W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com