Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMS4177PR Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

NTMS4177PR Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # NTMS4177PR
Download  NTMS4177PR Download
File Size   377.1 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description -30V P-Channel MOSFET

NTMS4177PR Datasheet (PDF)

Go To PDF Page Download Datasheet
NTMS4177PR Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # NTMS4177PR
Download  NTMS4177PR Click to download

File Size   377.1 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description -30V P-Channel MOSFET

NTMS4177PR Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


NTMS4177PR Product details

•Low RDS(on) to Minimize Conduction Losses
•Low Capacitance to Minimize Driver Losses
•Optimized Gate Charge to Minimize Switching Losses
•SOP-8 Surface Mount Package Saves Board Space
VDS (V) = -30V
ID = -11.4A (VGS = -10V)
RDS(ON) < 12mΩ (VGS = -10V)
RDS(ON) < 19mΩ (VGS = -4.5V)
Features
Applications
•Load Switches
•Notebook PC's
•Desktop PC's
• • •
•




Similar Part No. - NTMS4177PR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMS4177PR2G ONSEMI-NTMS4177PR2G Datasheet
91Kb / 5P
Power MOSFET -30 V, -11.4 A, P-Channel, SOIC-8
March, 2008 - Rev. 0
logo
VBsemi Electronics Co.,...
NTMS4177PR2G VBSEMI-NTMS4177PR2G Datasheet
994Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results


Similar Description - NTMS4177PR

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
TSM3401 TSC-TSM3401_07 Datasheet
349Kb / 6P
30V P-Channel MOSFET
TSM4435 TSC-TSM4435_07 Datasheet
358Kb / 6P
30V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4411 WHXPCB-AO4411 Datasheet
2Mb / 6P
30V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4459 TSC-TSM4459 Datasheet
62Kb / 4P
30V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com