Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD12VS2UT Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

PESD12VS2UT Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # PESD12VS2UT
Download  PESD12VS2UT Download
File Size   544.6 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Solid-state silicon-avalanche technology

PESD12VS2UT Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD12VS2UT Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # PESD12VS2UT
Download  PESD12VS2UT Click to download

File Size   544.6 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Solid-state silicon-avalanche technology

PESD12VS2UT Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


PESD12VS2UT Product details

Features
■ 300 W peak pulse power (tp = 8/20μs)
■ Bidirectional and unidirectionalconfigurations
■ Solid-state silicon-avalanche technology
■ Low clamping voltage
■ Low leakage current
■ Low capacitance (Cj=60 pF typ.)
■ Protection two data lines
■ IEC 61000-4-2 ±30kV contact ±30kV air
■ IEC 61000-4-4 (EFT) 40A(5/50ns)
■ IEC 61000-4-5 (Lightning) 12A(8/20μs)

Applications
■ Dataline
■ Automatic Teller Machines
■ Net works
■ Power line




Similar Part No. - PESD12VS2UT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD12VS2UT PHILIPS-PESD12VS2UT Datasheet
123Kb / 13P
Double ESD protection diodes in SOT23 package
2004 Apr 15
PESD12VS2UT PHILIPS-PESD12VS2UT Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PESD12VS2UT NXP-PESD12VS2UT Datasheet
235Kb / 13P
Double ESD protection diodes in SOT23 package
2004 Apr 15
PESD12VS2UT PHILIPS-PESD12VS2UT Datasheet
235Kb / 13P
Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
Nexperia B.V. All right...
PESD12VS2UT NEXPERIA-PESD12VS2UT Datasheet
250Kb / 14P
Double ESD protection diodes in SOT23 package
2004 Apr 15
More results


Similar Description - PESD12VS2UT

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DPA4119 CRYDOM-DPA4119 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Kersemi Electronic Co.,...
IRFM120A KERSEMI-IRFM120A Datasheet
725Kb / 6P
Avalanche Rugged Technology
logo
Gennum Corporation
0552T GENNUM-0552T Datasheet
147Kb / 7P
Solid-state silicon-avalanche technology
2357NQ GENNUM-2357NQ Datasheet
995Kb / 8P
Solid-state technology
logo
Sangdest Microelectroni...
SD05 SMC-SD05 Datasheet
160Kb / 5P
Solid-state silicon-avalanche technology
logo
Surge Components
SES12VN1010-5 SURGE-SES12VN1010-5 Datasheet
263Kb / 4P
Solid-state silicon-avalanche technology
logo
Fairchild Semiconductor
SSP4N80AS FAIRCHILD-SSP4N80AS Datasheet
192Kb / 7P
Avalanche Rugged Technology
logo
Guangdong Youtai Semico...
PESD12VL2BT UMW-PESD12VL2BT Datasheet
442Kb / 3P
Solid-state silicon-avalanche technology
PESD15VL1BA UMW-PESD15VL1BA Datasheet
286Kb / 4P
Solid-state silicon-avalanche technology
PESD5V0L1BA UMW-PESD5V0L1BA Datasheet
620Kb / 4P
Solid-state silicon-avalanche technology
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com