Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD24VL1BA Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

PESD24VL1BA Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # PESD24VL1BA
Download  PESD24VL1BA Download
File Size   204.51 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 300W peak pulse power (tp = 8/20μs)

PESD24VL1BA Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD24VL1BA Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # PESD24VL1BA
Download  PESD24VL1BA Click to download

File Size   204.51 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 300W peak pulse power (tp = 8/20μs)

PESD24VL1BA Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


PESD24VL1BA Product details

Features
■300W peak pulse power (tp = 8/20μs)
■ Bidirectional configurations
■ Solid-state silicon-avalanche technology
■ Low clamping voltage
■ Low leakage current
■ IEC 61000-4-2 ±30kV contact ±30kV air
■ IEC 61000-4-4 (EFT) 40A (5/50ns)
■ IEC 61000-4-5 (Lightning) 6A (8/20μs)

Applications
■ Microprocessor based equipment
■ Personal Digital Assistants (PDA’s)
■ Notebooks, Desktops, and Servers
■ Portable Instrumentation
■ Pagers Peripherals




Similar Part No. - PESD24VL1BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD24VL1BA PHILIPS-PESD24VL1BA Datasheet
179Kb / 15P
Low capacitance bidirectional ESD protection diodes in
Rev. 01-4 October 2004
PESD24VL1BA PHILIPS-PESD24VL1BA Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PESD24VL1BA NXP-PESD24VL1BA Datasheet
190Kb / 15P
Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
PESD24VL1BA NXP-PESD24VL1BA Datasheet
190Kb / 15P
Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
logo
Nexperia B.V. All right...
PESD24VL1BA NEXPERIA-PESD24VL1BA Datasheet
225Kb / 11P
Low capacitance bidirectional ESD protection diode in SOD323
11 April 2023
More results


Similar Description - PESD24VL1BA

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
PESD1CAN UMW-PESD1CAN Datasheet
339Kb / 4P
200W peak pulse power (tp =8/20μs)
PESD24VL2BT UMW-PESD24VL2BT Datasheet
284Kb / 3P
280W peak pulse power (tp= 8/20μs)
PESD3V3L1BA UMW-PESD3V3L1BA Datasheet
401Kb / 4P
480W peak pulse power (tp =8/20μs)
PESD3V3L1UA UMW-PESD3V3L1UA Datasheet
615Kb / 4P
300Watts peak pulse power (tp = 8/20μs)
PESD3V3L2BT UMW-PESD3V3L2BT Datasheet
402Kb / 3P
400 peak pulse power (tp =8/20μs)
PESD3V3V1BCSF UMW-PESD3V3V1BCSF Datasheet
383Kb / 4P
70W peak pulse power (tp =8/20μs
PESD5V0L2BT UMW-PESD5V0L2BT Datasheet
303Kb / 3P
350W peak pulse power (tp=8/20μs)
PESD5V0V1BB UMW-PESD5V0V1BB Datasheet
419Kb / 4P
90Watts peak pulse power (tp =8/20μs)
PRTR5V0U2X UMW-PRTR5V0U2X Datasheet
340Kb / 3P
40W peak pulse power (tp = 8/20μs)
TPD1E05U06D UMW-TPD1E05U06D Datasheet
489Kb / 3P
45W peak pulse power (tp = 8/20μs)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com