Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM124 Datasheet (PDF) - NXP Semiconductors

LM124 Datasheet PDF - NXP Semiconductors
Part # LM124
Download  LM124 Download
File Size   136.83 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low power quad op amps

LM124 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM124 Datasheet PDF - NXP Semiconductors

Part # LM124
Download  LM124 Click to download

File Size   136.83 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low power quad op amps

LM124 Datasheet (HTML) - NXP Semiconductors


LM124 Product details

DESCRIPTION
The LM124/SA534/LM2902 series consists of four independent, high-gain, internally frequency-compensated operational amplifiers designed specifically to operate from a single power supply over a wide range of voltages.

FEATURES
• Internally frequency-compensated for unity gain
• Large DC voltage gain: 100dB
• Wide bandwidth (unity gain): 1MHz (temperature-compensated)
• Wide power supply range Single supply: 3VDC to 30VDC or dual
    supplies: ±1.5VDC to ±15VDC
• Very low supply current drain: essentially independent of supply
    voltage (1mW/op amp at +5VDC)
• Low input biasing current: 45nADC (temperature-compensated)
• Low input offset voltage: 2mVDC and offset current: 5nADC
• Differential input voltage range equal to the power supply voltage
• Large output voltage: 0VDC to VCC-1.5VDC swing




Similar Part No. - LM124

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Jun-1999
logo
Texas Instruments
LM124 TI-LM124 Datasheet
526Kb / 18P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM124 TI-LM124 Datasheet
598Kb / 24P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
915Kb / 16P
Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
Texas Instruments
LM124 TI-LM124 Datasheet
759Kb / 29P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
More results


Similar Description - LM124

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1112 LINER-LT1112 Datasheet
369Kb / 12P
Dual/Quad Low Power Precision, Picoamp Input Op Amps
logo
National Semiconductor ...
LM148JAN NSC-LM148JAN Datasheet
806Kb / 18P
Quad 741 Op Amps
LM148QML NSC-LM148QML Datasheet
781Kb / 17P
Quad 741 Op Amps
logo
Linear Integrated Syste...
LT1112 LINEAR-LT1112_1 Datasheet
339Kb / 16P
Dual/Quad Low Power Precision, Picoamp Input Op Amps
logo
Texas Instruments
LM348N-NOPB TI1-LM348N-NOPB Datasheet
1Mb / 22P
Quad 741 Op Amps
logo
Linear Technology
LT1112 LINER-LT1112_15 Datasheet
345Kb / 16P
Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1114 LINER-LT1114_15 Datasheet
345Kb / 16P
Dual/Quad Low Power Precision, Picoamp Input Op Amps
logo
Texas Instruments
LM148JAN TI1-LM148JAN Datasheet
710Kb / 21P
Quad 741 Op Amps
LM148QML TI1-LM148QML Datasheet
710Kb / 20P
Quad 741 Op Amps
logo
Maxim Integrated Produc...
MAX4385E MAXIM-MAX4385E_02 Datasheet
284Kb / 13P
Low-Cost, 230MHz, Single/Quad Op Amps
Rev 0; 4/02
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com