Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EH-S110KRTBTG-R Datasheet (PDF) - EHAOAN.

EH-S110KRTBTG-R Datasheet PDF - EHAOAN.
Part # EH-S110KRTBTG-R
Download  EH-S110KRTBTG-R Download
File Size   1466.99 Kbytes
Page   7 Pages
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.
Description Dimension( L/W/H) : 3.2 x1.0 x 1.5 mm

EH-S110KRTBTG-R Datasheet (PDF)

Go To PDF Page Download Datasheet
EH-S110KRTBTG-R Datasheet PDF - EHAOAN.

Part # EH-S110KRTBTG-R
Download  EH-S110KRTBTG-R Click to download

File Size   1466.99 Kbytes
Page   7 Pages
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.
Description Dimension( L/W/H) : 3.2 x1.0 x 1.5 mm

EH-S110KRTBTG-R Datasheet (HTML) - EHAOAN.


EH-S110KRTBTG-R Product details

Features
·Dimension( L/W/H) : 3.2 x1.0 x 1.5 mm
·Material: AlGaInp
·Emitting Color: RGB
·Resin Color: Water Clear Flat Mold
·EIA STD Package
·High Luminous Intensity ,Low Power Dissipation
·Complied With ROHS Directive
Applications
·Backlighting in dashboard and switch.
·Telecommunication: indicator and backlighting in telephone and fax.
·Flat backlight for LCD, switch and symbol.
·General use.




Similar Part No. - EH-S110KRTBTG-R

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-S110KRTBTG EHAOAN-EH-S110KRTBTG Datasheet
1Mb / 9P
Dimension( L/W/H) : 3.2 x1.0 x 1.5 mm
More results


Similar Description - EH-S110KRTBTG-R

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-C151DS5 EHAOAN-EH-C151DS5 Datasheet
1Mb / 10P
Dimension( L/W/H) : 3.2 x 1.5 x 0.8 mm
EH-C151KGKT EHAOAN-EH-C151KGKT Datasheet
1Mb / 7P
Dimension( L/W/H) : 3.2 x 1.6 x 0.8 mm
EH-C150KRTGKS EHAOAN-EH-C150KRTGKS Datasheet
1Mb / 7P
Dimension( L/W/H) : 3.2 x2.7 x 0.9 mm
EH-C150KRTGTB EHAOAN-EH-C150KRTGTB Datasheet
1Mb / 7P
Dimension( L/W/H) : 3.2 x2.7 x 0.8 mm
EH-C290KRTBTG EHAOAN-EH-C290KRTBTG Datasheet
1Mb / 8P
Dimension( L/W/H) : 1.0 x1.0 x 0.4 mm
EH-S110DS5 EHAOAN-EH-S110DS5 Datasheet
1Mb / 11P
Dimension( L/W/H) :3.2 x 1.0 x 1.5 mm
EH-S110KRKTSIDE EHAOAN-EH-S110KRKTSIDE Datasheet
1Mb / 7P
Dimension( L/W/H) : 3.2 x 1.0 x 1.5 mm
EH-S110KRTBTG EHAOAN-EH-S110KRTBTG Datasheet
1Mb / 9P
Dimension( L/W/H) : 3.2 x1.0 x 1.5 mm
EH-S110TBKT-5A EHAOAN-EH-S110TBKT-5A Datasheet
1Mb / 7P
Dimension( L/W/H) : 3.2 x 1.0 x 1.5 mm
EH-S110TGKT-5A EHAOAN-EH-S110TGKT-5A Datasheet
1Mb / 8P
Dimension( L/W/H) : 3.2 x 1.0 x 1.5 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com