Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2125141010 Datasheet (PDF) - Molex Electronics Ltd.

2125141010 Datasheet PDF - Molex Electronics Ltd.
Part # 2125141010
Download  2125141010 Download
File Size   103.42 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Mini-Fit Max R-R 10ckt 150mm disc Sn

2125141010 Datasheet (PDF)

Go To PDF Page Download Datasheet
2125141010 Datasheet PDF - Molex Electronics Ltd.

Part # 2125141010
Download  2125141010 Click to download

File Size   103.42 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Mini-Fit Max R-R 10ckt 150mm disc Sn

2125141010 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 2125141010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2125141010 MOLEX-2125141010 Datasheet
36Kb / 1P
Mini-Fit Max Receptacle Housing, Dual Row, UL 94V-0, 10 Circuits, Glow-Wire Capable, Black
2125141010 MOLEX-2125141010 Datasheet
102Kb / 1P
Mini-Fit Max R-S 10ckt 150mm disc Sn
2023/04/13
More results


Similar Description - 2125141010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2196641102 MOLEX-2196641102 Datasheet
293Kb / 1P
KK 3.96 R-R 10ckt 150mm disc Sn
2022/01/19
2240851022 MOLEX-2240851022 Datasheet
100Kb / 1P
Mini-Fit Max R-R 2ckt 150mm disc Sn
2023/04/13
2240851042 MOLEX-2240851042 Datasheet
101Kb / 1P
Mini-Fit Max R-R 4ckt 150mm disc Sn
2023/04/13
2240851062 MOLEX-2240851062 Datasheet
102Kb / 1P
Mini-Fit Max R-R 6ckt 150mm disc Sn
2023/04/13
2240851082 MOLEX-2240851082 Datasheet
103Kb / 1P
Mini-Fit Max R-R 8ckt 150mm disc Sn
2023/04/13
2240861022 MOLEX-2240861022 Datasheet
100Kb / 1P
Mini-Fit Max R-S 2ckt 150mm disc Sn
2023/04/13
2240861042 MOLEX-2240861042 Datasheet
101Kb / 1P
Mini-Fit Max R-S 4ckt 150mm disc Sn
2023/04/13
2240861062 MOLEX-2240861062 Datasheet
101Kb / 1P
Mini-Fit Max R-S 6ckt 150mm disc Sn
2023/04/13
2240861102 MOLEX-2240861102 Datasheet
102Kb / 1P
Mini-Fit Max R-S 10ckt 150mm disc Sn
2023/04/13
2244821102 MOLEX-2244821102 Datasheet
106Kb / 1P
MicroTPA 2.0 R-R 10ckt 150mm disc Sn
2023/02/08
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com